Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 184Page - Renesas Technology Corp M38K09RFS Datasheet HTML 185Page - Renesas Technology Corp M38K09RFS Datasheet HTML 186Page - Renesas Technology Corp M38K09RFS Datasheet HTML 187Page - Renesas Technology Corp M38K09RFS Datasheet HTML 188Page - Renesas Technology Corp M38K09RFS Datasheet HTML 189Page - Renesas Technology Corp M38K09RFS Datasheet HTML 190Page - Renesas Technology Corp M38K09RFS Datasheet HTML 191Page - Renesas Technology Corp M38K09RFS Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 59 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
q Control in the slave unit
After setting the related registers as shown in Figure 2.4.26, the slave unit becomes the state
where a synchronous clock can be received at any time, and the serial I/O receive interrupt
request bit is set to “1” each time an 8-bit synchronous clock is received.
In the serial I/O receive interrupt processing routine, the data to be transmitted next is written to
the transmit buffer register after the received data is read out.
However, if no serial I/O receive interrupt occurs for a certain time (heading adjustment time or
more), the following processing will be performed.
1. The first 1-byte data of the transmission data in the block is written into the transmit buffer register.
2. The data to be received next is processed as the first 1 byte of the received data in the block.
Figure 2.4.28 shows a control procedure of the slave unit using the serial I/O receive interrupt and
any timer interrupt (for heading adjustment).
Fig. 2.4.28 Control procedure of slave unit
Write a transmission data
Read a reception data
N
Within a block
transfer term?
Y
Y
A received byte
counter
≥ 8?
N
RTI
Write dummy data (FF16)
A received byte counter +1
Heading
adjustment
counter
Initial
value
(Note 3)
Serial I/O receive interrupt
processing routine
Timer interrupt processing
routine
Heading adjustment counter – 1
N
Heading adjustment
counter = 0?
Y
RTI
Write the first transmission
data (first byte) in a block
A received byte counter
0
•Confirmation of the received
byte counter to judge the
block transfer term
CLT (Note 1)
CLD (Note 2)
Push register to stack
•Push the register used in the
interrupt processing routine into
the stack
CLT (Note 1)
CLD (Note 2)
Push register to stack
•Push the register used in
the interrupt processing
routine into the stack
Pop registers
•Pop registers which is pushed to stack
Pop registers
•Pop registers which is
pushed to stack
Notes 1: When using the Index X mode flag (T).
2: When using the Decimal mode flag (D).
3: In this example, set the value which is equal to the
heading adjustment time divided by the timer interrupt
cycle as the initial value of the heading adjustment
counter.
For example: When the heading adjustment time is 8 ms
and the timer interrupt cycle is 1 ms, set 8
as the initial value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com