Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 187Page - Renesas Technology Corp M38K09RFS Datasheet HTML 188Page - Renesas Technology Corp M38K09RFS Datasheet HTML 189Page - Renesas Technology Corp M38K09RFS Datasheet HTML 190Page - Renesas Technology Corp M38K09RFS Datasheet HTML 191Page - Renesas Technology Corp M38K09RFS Datasheet HTML 192Page - Renesas Technology Corp M38K09RFS Datasheet HTML 193Page - Renesas Technology Corp M38K09RFS Datasheet HTML 194Page - Renesas Technology Corp M38K09RFS Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 62 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.4.31 Registers setting related to transmitting side
Serial I/O status register (Address : 2716)
SIOSTS
Transmitting side
Baud rate generator (Address : 0FE216)
BRG
38
SIOCON
10 0 1
0 0
0
UART control register (Address : 0FE116)
UARTCON
0
10
f(XIN)
Transfer bit rate ✕ 16 ✕ m
–1
b7
b0
Serial I/O control register (Address : 0FE016)
b7
b0
b7
b0
b7
b0
Set
When bit 0 of the Serial I/O control register (Address : 0FE016) is set to “0,”
a value of m is 1.
When bit 0 of the Serial I/O control register (Address : 0FE016) is set to “1,”
a value of m is 4.
✽
✽
BRG count source selection bit : f(XIN)
Serial I/O synchronous clock selection bit : BRG/16
Transmit enable bit : Transmit enabled
Receive enable bit : Receive disabled
Serial I/O mode selection bit : Asynchronous serial I/O(UART)
Serial I/O enable bit : Serial I/O enabled
SRDY
output enable bit :SRDY out disabled
Character length selection bit : 8 bits
Parity enable bit : Parity checking disabled
Stop bit length selection bit : 2 stop bits
Transmit buffer empty flag
• Confirm that the data has been transferred from Transmit buffer
register to Transmit shift register.
• When this flag is “1”, it is possible to write the next transmission
data in to Transmit buffer register.
Transmit shift register shift completion flag
Confirm completion of transmitting 1-byte data with this flag.
“1” : Transmit shift completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com