Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 182Page - Renesas Technology Corp M38K09RFS Datasheet HTML 183Page - Renesas Technology Corp M38K09RFS Datasheet HTML 184Page - Renesas Technology Corp M38K09RFS Datasheet HTML 185Page - Renesas Technology Corp M38K09RFS Datasheet HTML 186Page - Renesas Technology Corp M38K09RFS Datasheet HTML 187Page - Renesas Technology Corp M38K09RFS Datasheet HTML 188Page - Renesas Technology Corp M38K09RFS Datasheet HTML 189Page - Renesas Technology Corp M38K09RFS Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 328 page
background image
2.4 Serial I/O
Rev.2.00
Oct 05, 2006
page 57 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
The communication is performed according to the timing shown in Figure 2.4.25. In the slave unit,
when a synchronous clock is not input within a certain time (heading adjustment time), the next clock
input is processed as the beginning (heading) of a block.
When a clock is input again after one block (8 byte) is received, the clock is ignored.
Figure 2.4.26 shows related registers setting.
Fig. 2.4.25 Timing chart
Fig. 2.4.26 Related registers setting
D0
Byte cycle
Block transfer term
Block transfer cycle
D1
D2
D7
D0
Interval between blocks
Processing for heading adjustment
Heading adjustment time
Master unit
Transmit enabled
SIOCON
Serial I/O control register (Address : 0FE016)
Synchronous clock : BRG/4
Transmit interrupt source :
Transmit shift operating completion
Receive enabled
Clock synchronous serial I/O
0
1
1
11
0
0
1
Serial I/O enabled
BRG count source : f(XIN)
SRDY
output disabled
Not affected by external clock
Transmit enabled
SIOCON
Serial I/O control register (Address : 0FE016)
Not use the serial I/O transmit interrupt
Receive enabled
Clock synchronous serial I/O
1
1
1
1
Slave unit
1
Serial I/O enabled
0
Synchronous clock : External clock
Both of units
11
BRG
b7
b0
Baud rate generator (Address : 0FE216)
Set “division ratio – 1”.
b7
b0
b7
b0
SRDY
output disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com