Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 196Page - Renesas Technology Corp M38K09RFS Datasheet HTML 197Page - Renesas Technology Corp M38K09RFS Datasheet HTML 198Page - Renesas Technology Corp M38K09RFS Datasheet HTML 199Page - Renesas Technology Corp M38K09RFS Datasheet HTML 200Page - Renesas Technology Corp M38K09RFS Datasheet HTML 201Page - Renesas Technology Corp M38K09RFS Datasheet HTML 202Page - Renesas Technology Corp M38K09RFS Datasheet HTML 203Page - Renesas Technology Corp M38K09RFS Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 328 page
background image
2.7 A/D converter
Rev.2.00
Oct 05, 2006
page 71 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.7 A/D converter
This paragraph explains the registers setting method and the notes related to the A/D converter.
2.7.1 Memory map
Fig. 2.7.1 Memory map of registers related to A/D converter
2.7.2 Related registers
Fig. 2.7.2 Structure of AD control register
003616
003716
003816
AD control register (ADCON)
AD conversion register 1 (AD1)
AD conversion register 2 (AD2)
003F16
Interrupt control register 2 (ICON2)
003D16
Interrupt request register 2 (IREQ2)
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
1
AD control register (ADCON) [Address : 3616 ]
AD control register
0
0 0 0 : P10/DQ0/AN0
0 0 1 : P11/DQ1/AN1
0 1 0 : P12/DQ2/AN2
0 1 1 : P13/DQ3/AN3
1 0 0 : P14/DQ4/AN4
1 0 1 : P15/DQ5/AN5
1 1 0 : P16/DQ6/AN6
1 1 1 : P17/DQ7/AN7
Analog input pin selection bits b2 b1 b0
AD conversion completion bit
0 : Conversion in progress
1 : Conversion completed
Nothing is arranged for these bits. These are write disabled bits.
When these bits are read out, the contents are indefinite.
?
?
?
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com