Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 200Page - Renesas Technology Corp M38K09RFS Datasheet HTML 201Page - Renesas Technology Corp M38K09RFS Datasheet HTML 202Page - Renesas Technology Corp M38K09RFS Datasheet HTML 203Page - Renesas Technology Corp M38K09RFS Datasheet HTML 204Page - Renesas Technology Corp M38K09RFS Datasheet HTML 205Page - Renesas Technology Corp M38K09RFS Datasheet HTML 206Page - Renesas Technology Corp M38K09RFS Datasheet HTML 207Page - Renesas Technology Corp M38K09RFS Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 328 page
background image
2.7 A/D converter
Rev.2.00
Oct 05, 2006
page 75 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
An analog input signal from a sensor is converted to the digital value according to the related
registers setting shown by Figure 2.7.8. Figure 2.7.9 shows the control procedure for 8-bit read, and
Figure 2.7.10 shows the control procedure for 10-bit read.
Fig. 2.7.9 Control procedure for 8-bit read
Fig. 2.7.10 Control procedure for 10-bit read
ADCON (address 3616)
← XXXX00002
Read out AD1 (address 3716)
ADCON (address 3616), bit3 ?
1
0
•P10/DQ0/AN0 pin selected as analog input pin
•A/D conversion start
•Judgment of A/D conversion completion
•Read out of conversion result
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
Read out AD2 (address 3816)
ADCON (address 3616), bit3 ?
1
0
•P10/DQ0/AN0 pin selected as analog input pin
•A/D conversion start
•Judgment of A/D conversion completion
•Read out of high-order digit (b9, b8) of conversion result
Read out AD1 (address 3716)
•Read out of low-order digit (b7 – b0) of conversion result
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
ADCON (address 3616)
← XXXX00002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com