Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 204Page - Renesas Technology Corp M38K09RFS Datasheet HTML 205Page - Renesas Technology Corp M38K09RFS Datasheet HTML 206Page - Renesas Technology Corp M38K09RFS Datasheet HTML 207Page - Renesas Technology Corp M38K09RFS Datasheet HTML 208Page - Renesas Technology Corp M38K09RFS Datasheet HTML 209Page - Renesas Technology Corp M38K09RFS Datasheet HTML 210Page - Renesas Technology Corp M38K09RFS Datasheet HTML 211Page - Renesas Technology Corp M38K09RFS Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 328 page
background image
2.8 Watchdog timer
Rev.2.00
Oct 05, 2006
page 79 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.8.3 Watchdog timer application examples
(1)
Detection of program runaway
Outline: If program runaway occurs, let the microcomputer reset, using the internal timer for detection
of program runaway.
Specifications: •An underflow of watchdog timer H is judged to be program runaway, and the
microcomputer is returned to the reset status.
•Before the watchdog timer H underflows, “0” is set into bit 7 of the watchdog timer
control register at every cycle in a main routine.
•Through mode is used as a system clock division ratio.
•An underflow signal of the watchdog timer L is supplied as the count source of
watchdog timer H.
Figure 2.8.4 shows a watchdog timer connection and division ratio setting; Figure 2.8.5 shows the
related registers setting; Figure 2.8.6 shows the control procedure.
Fig. 2.8.4 Watchdog timer connection and division ratio setting
f(XIN) = 6 MHz
1/16
1/256
1/256
RESET
Fixed
Watchdog timer L Watchdog timer H
STP instruction disable bit
STP instruction
Reset
circuit
Internal reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com