Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 205Page - Renesas Technology Corp M38K09RFS Datasheet HTML 206Page - Renesas Technology Corp M38K09RFS Datasheet HTML 207Page - Renesas Technology Corp M38K09RFS Datasheet HTML 208Page - Renesas Technology Corp M38K09RFS Datasheet HTML 209Page - Renesas Technology Corp M38K09RFS Datasheet HTML 210Page - Renesas Technology Corp M38K09RFS Datasheet HTML 211Page - Renesas Technology Corp M38K09RFS Datasheet HTML 212Page - Renesas Technology Corp M38K09RFS Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 328 page
background image
2.8 Watchdog timer
Rev.2.00
Oct 05, 2006
page 80 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.8.6 Control procedure
Fig. 2.8.5 Related registers setting
2.8.4 Notes on watchdog timer
qMake sure that the watchdog timer does not underflow while waiting Stop release, because the watchdog
timer keeps counting during that term.
qWhen the STP instruction disable bit has been set to “1”, it is impossible to switch it to “0” by a program.
CPUM
0
b0
b7
0
1
1
WDTCON
1
b0
b7
0
0
0
CPU mode register (address 3B16)
Processor mode: Single-chip mode
System clock: Main clock
System clock division ratio: f(system clock) (Through mode)
Watchdog timer H (for read-out of high-order 6 bits)
Watchdog timer control register (address 3916)
Enable STP instruction
Watchdog timer H count source: Watchdog timer L underflow
0 1
Initialization
SEI
CLT
CLD
CPUM (address 3B16)
← 11001X002
:
:
CLI
WDTCON (address 3916), bit7,bit6
002
RESET
Main processing
:
:
•Processor mode: Single-chip mode
•Main clock f(XIN): Operating
•Through mode selected as main clock division ratio
•Watchdog timer L underflow selected as Watchdog
timer H count source
•STP instruction enabled
•Interrupts enabled
•All interrupts disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com