Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 213Page - Renesas Technology Corp M38K09RFS Datasheet HTML 214Page - Renesas Technology Corp M38K09RFS Datasheet HTML 215Page - Renesas Technology Corp M38K09RFS Datasheet HTML 216Page - Renesas Technology Corp M38K09RFS Datasheet HTML 217Page - Renesas Technology Corp M38K09RFS Datasheet HTML 218Page - Renesas Technology Corp M38K09RFS Datasheet HTML 219Page - Renesas Technology Corp M38K09RFS Datasheet HTML 220Page - Renesas Technology Corp M38K09RFS Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 328 page
background image
2.10 Frequency synthesizer (PLL)
Rev.2.00
Oct 05, 2006
page 88 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
q X: This bit is not used here.
Set it to “0” or “1” arbitrarily.
•Select main clock f(XIN) as a USB clock
•PLL operation mode (bit6,5): Multiplied by 8
•USB division mode (bit4,3): Divided by 6
•Enable PLL operation (bit7)
•Select fSYN (8MHZ) as a system clock
•Select PLL circuit output clock fVCO as a USB clock
•Wait for oscillation stabilization
When multiplying oscillation by PLL, wait for oscillation
stabilization.
CPUM (address: 3B16)
← 11101X002
USBCON (address: 1016)
← X0XXXXXX2
PLLCON (address: 0FF816)
← 111010002
Wait (approximately 1 ms)
USBCON (address: 1016)
← X1XXXXXX2
Same setting procedure when hardware reset
PLLCON (address: 0FF816) bit6,5
← 002
•PLL operation mode (bit6,5): Not multiplied
(Change PLL circuit output clock fVCO to f(XIN))
After recovery from stop mode
Note: The above setting example assumes the operation when the external oscillating clock is 6 MHZ and
the internal system clock is fSYN.
Fig. 2.10.8 Related registers setting when recovery from stop mode
2.10.4 Notes on PLL
q6 MHZ or 12 MHZ external oscillator can be connected as an input reference clock (f(XIN)). When using
the frequency synthesized clock function, we recommend using the fastest frequency possible of f(XIN)
as an input clock reference for the PLL.
qWhen enabling PLL operation from PLL disabled status (disabled when reset), set the USB clock select
bit of USBCON to “0” (f(XIN)) to operate with the main clock (f(XIN)).
qWhen supplying fVCO to the USB block after setting PLL operation enable bit to “1” (PLL enabled), wait
for the oscillation stable time (1 ms or less) of PLL to avoid any instability caused by the clock, then set
USB clock select bit to “1” (USB clock).
qWhen selecting fSYN as an internal system clock, fUSB must be 48 MHz.
qWhen selecting fSYN as an internal system clock, change the system clock selection bit to main clock
(f(XIN)) before executing STP instruction. It is because the following are needed for the low-power consumption:
•fUSB must be stopped by disabling PLL operation in Stop mode.
•The taimer 1 for waiting oscillation stabilization when returning from Stop mode will require the input
count source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com