Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 214 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 214 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 210Page - Renesas Technology Corp M38K09RFS Datasheet HTML 211Page - Renesas Technology Corp M38K09RFS Datasheet HTML 212Page - Renesas Technology Corp M38K09RFS Datasheet HTML 213Page - Renesas Technology Corp M38K09RFS Datasheet HTML 214Page - Renesas Technology Corp M38K09RFS Datasheet HTML 215Page - Renesas Technology Corp M38K09RFS Datasheet HTML 216Page - Renesas Technology Corp M38K09RFS Datasheet HTML 217Page - Renesas Technology Corp M38K09RFS Datasheet HTML 218Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 328 page
background image
2.10 Frequency synthesizer (PLL)
Rev.2.00
Oct 05, 2006
page 85 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
2.10.3 Functional description
The frequency synthesizer generates the 48 MHz clock which is multiples of the external input reference
f(XIN) and is needed for operating USB function. When using the USB function, set PLL enable bit of PLL
control register (PLLCON: address 0FF816) to “1” (enabled) to send the 48 MHz PLL output clock (fVCO) into
USB function control unit. Figure 2.10.5 shows the block diagram for the frequency synthesizer circuit.
Table 2.10.1 PLL operation mode selection bits setting example
f(XIN)
6 MHZ
12 MHZ
PLL operation mode
selection bits *
11
10
48 MHZ
48 MHZ
fVCO
q fVCO (PLL output clock)
fVCO is generated by multiplying PLL input clock according to the contents of PLL operation mode
selection bits (bits 6, 5 of PLLCON), where
fVCO =f(XIN) ✕ n, n:value selected by PLL operation mode selection bits
Set PLL operation mode selection bits so that fVCO may be set to 48 MHz.
While the PLL enable bit is “0” (disabled), fVCO retains “L” level (except when PLL operation mode
selection bits are set to “002”).
Table 2.10.1 shows the example of PLL operation mode selection bits setting.
PLL
fUSB
f(XIN)
fVCO
PLLCON
Division circuit
fSYN
(address 0FF816)
USBCON
(address 001016)
Fig. 2.10.5 Block diagram for frequency synthesizer circuit
*: PLL control register (bits 6,5)
q fUSB (USB clock)
Either f(XIN) (main clock) or fVCO (PLL output clock) can be selected for fUSB by USB clock select bit
of USB control register (bit6 of USBCON: address 001016), and it is supplied to the USB function
control circuit. When supplying fVCO to the USB function control circuit, after setting PLL enable bit
to “1” (enabled) and then set USB clock select bit to “1” (USB clock).
Furthermore, when PLL operation mode selection bits are set to “002”, the clock input into PLL is
used as fVCO, which is not multiplied, regardless of PLL operation enabled or disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com