Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 234Page - Renesas Technology Corp M38K09RFS Datasheet HTML 235Page - Renesas Technology Corp M38K09RFS Datasheet HTML 236Page - Renesas Technology Corp M38K09RFS Datasheet HTML 237Page - Renesas Technology Corp M38K09RFS Datasheet HTML 238Page - Renesas Technology Corp M38K09RFS Datasheet HTML 239Page - Renesas Technology Corp M38K09RFS Datasheet HTML 240Page - Renesas Technology Corp M38K09RFS Datasheet HTML 241Page - Renesas Technology Corp M38K09RFS Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 328 page
background image
2.13 Flash memory
Rev.2.00
Oct 05, 2006
page 109 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
(2)
Control example in CPU rewrite mode
In this example, data is received by using serial I/O, and the data is programmed to the built-in flash
memory in the CPU rewrite mode.
Figure 2.13.8 shows an example of the reprogramming system for the built-in flash memory in the
CPU rewrite mode. Figure 2.13.9 shows the CPU rewrite mode beginning/release flowchart.
Fig. 2.13.8 Example of rewrite system for built-in flash memory in CPU rewrite mode
DVCC
PVCC
VCC
PVSS
VSS
RESET
CNVSS
SRDY(BUSY)
RXD
TXD
SCLK
Note 1: Apply 4.50 to 5.25 V to the VPP power source.
Clock input
BUSY output
Data input
Data output
VPP power source input
(Note 1)
P16(CE)
User reset signal
M38K09F8FP/HP
M38K09F8LFP/LHP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com