Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 235Page - Renesas Technology Corp M38K09RFS Datasheet HTML 236Page - Renesas Technology Corp M38K09RFS Datasheet HTML 237Page - Renesas Technology Corp M38K09RFS Datasheet HTML 238Page - Renesas Technology Corp M38K09RFS Datasheet HTML 239Page - Renesas Technology Corp M38K09RFS Datasheet HTML 240Page - Renesas Technology Corp M38K09RFS Datasheet HTML 241Page - Renesas Technology Corp M38K09RFS Datasheet HTML 242Page - Renesas Technology Corp M38K09RFS Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 328 page
background image
2.13 Flash memory
Rev.2.00
Oct 05, 2006
page 110 of 111
38K0 Group
REJ09B0337-0200
APPLICATION
Fig. 2.13.9 CPU rewrite mode beginning/release flowchart
START
Single-chip mode or boot mode (Note 1)
Set CPU mode register (Note 2)
Transfer CPU rewrite mode control
program to built-in RAM
END
Jump to transferred control program on RAM
(The following operations are controlled by
the control program on this RAM)
Set “1” to CPU rewrite mode select bit
(by writing “0” and then “1” in succession)
Check CPU rewrite mode entry flag
Using software command execute erase,
program, or other operation
Execute read command or set flash
memory reset bit (by writing “0” and then “
1” in succession) (Note 3)
Set “0” to CPU rewrite mode select bit
Notes 1: When MCU starts in the single-chip mode, it is necessary to apply
4.50 to 5.25 V to dhe CNVss pin until confirming of the CPU
rewrite mode entry flag.
2: Set bits 6 and 7 (system clock division ratio selection bits) of the
CPU mode register (address 003B16).
3: Before releasing the CPU rewrite mode after completing erase or
program operation, always be sure to execute the read array
command or reset the flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com