Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 239Page - Renesas Technology Corp M38K09RFS Datasheet HTML 240Page - Renesas Technology Corp M38K09RFS Datasheet HTML 241Page - Renesas Technology Corp M38K09RFS Datasheet HTML 242Page - Renesas Technology Corp M38K09RFS Datasheet HTML 243Page - Renesas Technology Corp M38K09RFS Datasheet HTML 244Page - Renesas Technology Corp M38K09RFS Datasheet HTML 245Page - Renesas Technology Corp M38K09RFS Datasheet HTML 246Page - Renesas Technology Corp M38K09RFS Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 328 page
background image
3.1 Electrical characteristics
Rev.2.00
Oct 05, 2006
page 2 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
–0.3 to 6.5
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to 6.5
–0.5 to 3.8
–0.3 to VCC + 0.3
–0.5 to 3.8
500
–20 to 85
25±5
–40 to 125
Power source voltage
Analog power source voltage VCCE, VREF, PVCC, DVCC,
USBVREF
Input voltage
P00–P07, P10–P17, P20–P27, P30–
P37, P40–P43, P50–P57, P60–P63
Input voltage
RESET, XIN, CNVSS2
Input voltage
CNVSS
Mask ROM version
Flash memory version
Input voltage
D0+, D0-
Output voltage
P00–P07, P10–P17, P20–P27, P30–
P37, P40–P43, P50–P57, P60–P63,
XOUT
Output voltage
D0+, D0-, TrON
Power dissipation
(Note)
Operating temperature
Storage temperature
V
V
V
V
V
V
V
V
V
mW
°C
°C
°C
VCC
AVCC
VI
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Conditions
Symbol
Ratings
Unit
Parameter
All voltages are
based on VSS.
Output transistors
are cut off.
Ta = 25°C
Note: The maximum rating value depends on not only the MCU’s power dissipation but the heat consumption characteristics of the package.
MCU operating
In flash memory mode
(For flash memory ver-
sion)
3.1 Electrical characteristics
3.1.1 Absolute maximum ratings
Table 3.1.1 Absolute maximum ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com