Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 242Page - Renesas Technology Corp M38K09RFS Datasheet HTML 243Page - Renesas Technology Corp M38K09RFS Datasheet HTML 244Page - Renesas Technology Corp M38K09RFS Datasheet HTML 245Page - Renesas Technology Corp M38K09RFS Datasheet HTML 246Page - Renesas Technology Corp M38K09RFS Datasheet HTML 247Page - Renesas Technology Corp M38K09RFS Datasheet HTML 248Page - Renesas Technology Corp M38K09RFS Datasheet HTML 249Page - Renesas Technology Corp M38K09RFS Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 328 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 05, 2006
page 5 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
“H” output voltage
P00–P07, P20–P27, P50–P57, P60–P63
“H” output voltage
P10–P17, P30–P37, P40–P43
Limits
V
V
V
V
Parameter
Typ.
Max.
Symbol
Unit
Test conditions
Table 3.1.4 Electrical characteristics (1) (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
IOH = –10 mA
(Vcc = 4.00 to 5.25 V)
IOH = –1 mA
IOH = –10 mA (VCCE =
4.00 to 5.25 V)
IOH = –1 mA
D+ and D- pins pull-
down with 0 V via a
resistor of 15 k
Ω ± 5 %
IOL = 10 mA
(Vcc = 4.00 to 5.25 V)
IOL = 1 mA
IOL = 20 mA
(Vcc = 4.00 to 5.25 V)
IOL = 1 mA
IOL = 10 mA (VCCE =
4.00 to 5.25 V)
IOL = 1 mA (VCCE =
3.00 to 5.25 V)
D+ and D- pins pull-up
with 3.6 V via a resistor
of 1.5 k
Ω ± 5 %
VI = VCC (Pull-ups “off”)
VI = VCCE
VI = VCC
VI = VCC
VI = VSS (Pull-ups “off”)
VI = VSS
VI = VSS
VI = VSS
VI = VSS
(Vcc = 4.00 to 5.25 V)
VI = VSS
When clock is stopped
2.8
0.6
0.6
0.5
3.6
2.0
1.0
2.0
1.0
2.0
1.0
0.3
5.0
5.0
5.0
–5.0
–5.0
–5.0
–120.0
5.25
V
V
V
V
V
V
V
V
V
V
VOL
“H” output voltage
D0+, D0-
“L” output voltage
P00–P07, P20–P27, P50–P57
“L” output voltage
P60–P63
“L” output voltage
P10–P17, P30–P37, P40–P43
“L” output voltage
D0+, D0-
Hysteresis
CNTR0, INT0, INT1
Hysteresis
P10/DQ0–P17/DQ7, P30–P32, P33/ExINT,
P34/ExCS, P35/ExWR, P36/ExRD, P37/
ExA0, P40/ExDREQ/RxD, P41/ExDACK/
TxD, P42/ExTC/SCLK, P43/ExA1/SRDY
Hysteresis
D0+, D0-
Hysteresis
RESET
“H” input current
P00–P07, P20–P27, P50–P57, P60–P63
“H” input current
P10–P17, P30–P37, P40–P43
“H” input current
RESET, CNVSS
“H” input current
XIN
“L” input current
P00–P07, P20–P27, P50–P57, P60–P63
“L” input current
P10–P17, P30–P37, P40–P43
“L” input current
RESET, CNVSS, CNVSS2
“L” input current
XIN
“L” input current
P00–P07, P50, P52
(Pull-ups “on”)
RAM hold voltage
VT+–VT-
VT+–VT-
VOL
VOL
VOL
0
VT+–VT
VT+–VT-
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
IIL
VRAM
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
V
4.0
–4.0
–60.0
–20.0
–10.0
2.00
VOH
VOH
VOH
Min.
VCC–2.0
VCC–1.0
VCCE–2.0
VCCE–1.0
0.25
3.1.3 Electrical characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com