Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 243Page - Renesas Technology Corp M38K09RFS Datasheet HTML 244Page - Renesas Technology Corp M38K09RFS Datasheet HTML 245Page - Renesas Technology Corp M38K09RFS Datasheet HTML 246Page - Renesas Technology Corp M38K09RFS Datasheet HTML 247Page - Renesas Technology Corp M38K09RFS Datasheet HTML 248Page - Renesas Technology Corp M38K09RFS Datasheet HTML 249Page - Renesas Technology Corp M38K09RFS Datasheet HTML 250Page - Renesas Technology Corp M38K09RFS Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 328 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 05, 2006
page 6 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
Power source current
(Output transistor is
isolated.)
Limits
Parameter
Min.
Typ.
21.0
22.5
22.0
21.0
9.0
6.0
2.0
125.0
0.1
Max.
60
60
60
60
35
30
250
10
Symbol
Unit
Test conditions
ICC
mA
mA
mA
mA
mA
mA
mA
mA
µA
µA
µA
Table 3.1.5 Electrical characteristics (2) (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
f(XIN) = system clock = 12 MHz,
φ = 6 MHz,
USB reference voltage circuit enabled
f(XIN) = 12 MHz,
System clock =
φ = 8 MHz,
USB reference voltage circuit enabled
f(XIN) = 6 MHz,
System clock =
φ = 8 MHz,
USB reference voltage circuit enabled
f(XIN) = system clock =
φ = 6 MHz,
USB reference voltage circuit enabled
f(XIN) = system clock =
φ = 6 MHz,
USB reference voltage circuit disabled
f(XIN) = system clock =
φ = 6 MHz,
USB reference voltage circuit disabled
f(XIN) = 12 MHz,
System clock =
φ = 8 MHz,
USB reference voltage circuit enabled
f(XIN) = system clock =
φ = 6 MHz,
USB reference voltage circuit disabled
USB reference voltage circuit enabled
Low current mode
USB reference voltage circuit disabled
Ta = 25 °C
USB reference voltage circuit disabled
Ta = 85 °C
<Test conditions>
Notes 1: Operating in single-chip mode
Clock input from XIN pin (XOUT oscillator stopped)
fUSB = 48 MHz
All USB difference-input circuits enabled
Leaving I/O pins open
Operating functions: PLL circuit, CPU, Timers
2: Operating in single-chip mode with Wait mode
Clock input from XIN pin (XOUT oscillator stopped)
fUSB = 48 MHz
All USB difference-input circuits enabled
Leaving I/O pins open
Operating functions: PLL circuit, Timers, USB receiving
Disabled functions: CPU
3: Operating in single-chip mode with Stop mode
Oscillation stopped
All USB difference-input circuits disabled
Leaving I/O pins open
Normal
mode
(Note 1)
Wait
mode
(Note 2)
Stop
mode
(Note 3)
Vcc = 3.00
to 4.00 V
Vcc = 4.00
to 5.25 V
Vcc = 3.00
to 3.60 V
Vcc = 4.00
to 5.25 V
Vcc = 3.00
to 4.00 V
Vcc = 4.00
to 5.25 V
Vcc = 3.00
to 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com