Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 240Page - Renesas Technology Corp M38K09RFS Datasheet HTML 241Page - Renesas Technology Corp M38K09RFS Datasheet HTML 242Page - Renesas Technology Corp M38K09RFS Datasheet HTML 243Page - Renesas Technology Corp M38K09RFS Datasheet HTML 244Page - Renesas Technology Corp M38K09RFS Datasheet HTML 245Page - Renesas Technology Corp M38K09RFS Datasheet HTML 246Page - Renesas Technology Corp M38K09RFS Datasheet HTML 247Page - Renesas Technology Corp M38K09RFS Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 328 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 05, 2006
page 3 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
Table 3.1.2 Recommended operating conditions (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Symbol
Parameter
Unit
Limits
VCC
AVCC
AVCC
VREF
VREF
VSS
AVSS
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
5.25
5.25
5.25
VCC
3.6
VCC
VCC
VCCE
VCC
3.6
0.2VCC
0.2VCCE
0.2VCC
0.8
Max.
Power source voltage
VCC
System clock 12 MHz
(2-/4-/8-divide mode)
System clock 8 MHz
System clock 6 MHz
Analog power source voltage
PVCC, DVCC
Analog power source voltage
VCCE
Analog reference voltage
VREF
Analog reference voltage
USBVREF
Vcc = 3.6 to 4.0 V
Vcc = 3.0 to 3.6 V
Power source voltage
VSS
Analog power source voltage
PVSS
“H” input voltage
P00–P07, P20–P27, P50–P57,
P60–P63
“H” input voltage
P10–P17, P30–P37, P40–P43
“H” input voltage
RESET, XIN, CNVSS, CNVSS2
“H” input voltage
D0+, D0-
“L” input voltage
P00–P07, P20–P27, P50–P57,
P60–P63
“L” input voltage
P10–P17, P30–P37, P40–P43
“L” input voltage
RESET, XIN, CNVSS, CNVSS2
“L” input voltage
D0+, D0-
Typ.
5.00
5.00
5.00
VCC
VCC
0
0
4.00
4.00
3.00
2.0
3.0
3.0
0.8VCC
0.8VCCE
0.8VCC
2.0
0
0
0
0
Min.
3.1.2 Recommended operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com