Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 241Page - Renesas Technology Corp M38K09RFS Datasheet HTML 242Page - Renesas Technology Corp M38K09RFS Datasheet HTML 243Page - Renesas Technology Corp M38K09RFS Datasheet HTML 244Page - Renesas Technology Corp M38K09RFS Datasheet HTML 245Page - Renesas Technology Corp M38K09RFS Datasheet HTML 246Page - Renesas Technology Corp M38K09RFS Datasheet HTML 247Page - Renesas Technology Corp M38K09RFS Datasheet HTML 248Page - Renesas Technology Corp M38K09RFS Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 328 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 05, 2006
page 4 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
Table 3.1.3 Recommended operating conditions (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Symbol
Parameter
Unit
Limits
∑IOH(peak)
∑IOH(peak)
∑IOL(peak)
∑IOL(peak)
∑IOL(peak)
∑IOH(avg)
∑IOH(avg)
∑IOL(avg)
∑IOL(avg)
∑IOL(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
IOL(avg)
IOL(avg)
f(XIN)
f(XIN) or
f(SYN)
f(
φ)
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
MHz
–80
–80
80
80
80
–40
–40
40
40
40
–10
–10
10
20
10
–5
–5
5
10
5
12
6
12
6
8
6
Max.
“H” total peak output current (Note 1)P00–P07, P20–P27, P50–P57,
P60–P63
“H” total peak output current (Note 1)P10–P17, P30–P37, P40–P43
“L” total peak output current (Note 1)P00–P07, P20–P27, P50–P57
“L” total peak output current (Note 1)P60–P63
“L” total peak output current (Note 1)P10–P17, P30–P37, P40–P43
“H” total average output current (Note 1)P00–P07, P20–P27, P50–P57,
P60–P63
“H” total average output current (Note 1)P10–P17, P30–P37, P40–P43
“L” total average output current (Note 1)P00–P07, P20–P27, P50–P57
“L” total average output current (Note 1)P60–P63
“L” total average output current (Note 1)P10–P17, P30–P37, P40–P43
“H” peak output current (Note 2)P00–P07, P20–P27, P50–P57,
P60–P63
“H” peak output current (Note 2)P10–P17, P30–P37, P40–P43
“L” peak output current (Note 2)P00–P07, P20–P27, P50–P57
“L” peak output current (Note 2)P60–P63
“L” peak output current (Note 2)P10–P17, P30–P37, P40–P43
“H” average output current (Note 3)P00–P07, P20–P27, P50–P57,
P60–P63
“H” average output current (Note 3)P10–P17, P30–P37, P40–P43
“L” average output current (Note 3)P00–P07, P20–P27, P50–P57
“L” average output current (Note 3)P60–P63
“L” average output current (Note 3)P10–P17, P30–P37, P40–P43
Main clock input oscillation frequency
Vcc = 4.00 to 5.25 V
(Note 4)
Vcc = 3.00 to 4.00 V
System clock frequency
Vcc = 4.00 to 5.25 V
Vcc = 3.00 to 4.00 V
φ frequency
Vcc = 4.00 to 5.25 V
Vcc = 3.00 to 4.00 V
Typ.
Min.
6
6
6
6
Notes 1: The total peak output current is the absolute value of the peak currents flowing through all the applicable ports. The total average output current is
the average value of the absolute value of the currents measured over 100 ms flowing through all the applicable ports.
2: The peak output current is the absolute value of the peak current flowing in each port.
3: The average output current is the average value of the absolute value of the currents measured over 100 ms.
4: The duty of oscillation frequency is 50
%. 6 MHz or 12 MHz is usable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com