Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A32100DX-PLB Datasheet(PDF) 70 Page - Actel Corporation

Part # A32100DX-PLB
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-PLB Datasheet(HTML) 70 Page - Actel Corporation

Back Button A32100DX-PLB Datasheet HTML 66Page - Actel Corporation A32100DX-PLB Datasheet HTML 67Page - Actel Corporation A32100DX-PLB Datasheet HTML 68Page - Actel Corporation A32100DX-PLB Datasheet HTML 69Page - Actel Corporation A32100DX-PLB Datasheet HTML 70Page - Actel Corporation A32100DX-PLB Datasheet HTML 71Page - Actel Corporation A32100DX-PLB Datasheet HTML 72Page - Actel Corporation A32100DX-PLB Datasheet HTML 73Page - Actel Corporation A32100DX-PLB Datasheet HTML 74Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
70
Discontinued – v3.0
Pa ckage P i n Assign me nts (continued)
240-Pin RQFP Package (Top View)
240-Pin
RQFP
Exposed
Heatsink
1
240
•
•
•
•
•
•
Notes:
1.
I/O (WD): Denotes I/O pin with an associated wide-decode module.
2.
Wide-Decode I/O (WD) can also be general purpose user I/O.
3.
NC: Denotes ‘No Connection.’
4.
All unlisted pin numbers are user I/O’s.
5.
MODE should be terminated to GND through a 10K resistor to enable ActionProbe usage; otherwise it can be terminated directly to GND.
6.
RQFP has an exposed circular metal heat sink on the top surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com