Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A32100DX-PLB Datasheet(PDF) 27 Page - Actel Corporation

Part # A32100DX-PLB
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-PLB Datasheet(HTML) 27 Page - Actel Corporation

Back Button A32100DX-PLB Datasheet HTML 23Page - Actel Corporation A32100DX-PLB Datasheet HTML 24Page - Actel Corporation A32100DX-PLB Datasheet HTML 25Page - Actel Corporation A32100DX-PLB Datasheet HTML 26Page - Actel Corporation A32100DX-PLB Datasheet HTML 27Page - Actel Corporation A32100DX-PLB Datasheet HTML 28Page - Actel Corporation A32100DX-PLB Datasheet HTML 29Page - Actel Corporation A32100DX-PLB Datasheet HTML 30Page - Actel Corporation A32100DX-PLB Datasheet HTML 31Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
Discontinued – v3.0
27
Integrato r Se ries F P G A s: 1200 XL and 320 0DX Fam ilies
Tempe rat ure a nd Voltag e De rat i n g Fact ors
( N o r malize d to Worst- Case Comm ercial, T J = 4.75V, 70°C)
–55
–40
0
25
70
85
125
4.50
0.75
0.79
0.86
0.92
1.06
1.11
1.23
4.75
0.71
0.75
0.82
0.87
1.00
1.05
1.16
5.00
0.69
0.72
0.80
0.85
0.97
1.02
1.13
5.25
0.68
0.69
0.77
0.82
0.95
0.98
1.09
5.50
0.67
0.69
0.76
0.81
0.93
0.97
1.08
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
4.50
4.75
5.00
5.25
5.50
Voltage (V)
125˚C
85˚C
70˚C
25˚C
0˚C
–40˚C
–55˚C
Junction Temperature and Voltage Derating Curves
(Normalized to Worst-Case Commercial, TJ = 4.75V, 70°C)
Note:
This derating factor applies to all routing and propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com