Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A32100DX-PLB Datasheet(PDF) 55 Page - Actel Corporation

Part # A32100DX-PLB
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-PLB Datasheet(HTML) 55 Page - Actel Corporation

Back Button A32100DX-PLB Datasheet HTML 51Page - Actel Corporation A32100DX-PLB Datasheet HTML 52Page - Actel Corporation A32100DX-PLB Datasheet HTML 53Page - Actel Corporation A32100DX-PLB Datasheet HTML 54Page - Actel Corporation A32100DX-PLB Datasheet HTML 55Page - Actel Corporation A32100DX-PLB Datasheet HTML 56Page - Actel Corporation A32100DX-PLB Datasheet HTML 57Page - Actel Corporation A32100DX-PLB Datasheet HTML 58Page - Actel Corporation A32100DX-PLB Datasheet HTML 59Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
Discontinued – v3.0
55
Integrato r Se ries F P G A s: 1200 XL and 320 0DX Fam ilies
Pin Descript ions
CLKA, CLKB
Clock A and Clock B (Input)
TTL clock inputs for clock distribution networks. The clock
input is buffered prior to clocking the logic modules. This
pin can also be used as an I/O.
DCLK
Diagnostic Clock (Input)
TTL
clock
input
for
diagnostic
probe
and
device
programming. DCLK is active when the MODE pin is HIGH.
This pin functions as an I/O when the MODE pin is LOW.
GND
Ground (Input)
Input LOW supply voltage.
I/O
Input/Output (Input, Output)
I/O pin functions as an input, output, three-state or
bidirectional buffer. Input and output levels are compatible
with standard TTL and CMOS specifications. Unused I/O
pins are automatically driven LOW by the Designer Series
software for XL devices and are automatically tristated for
DX devices.
MODE
Mode (Input)
The MODE pin controls the use of multi-function pins
(DCLK, PRA, PRB, SDI, TDO). When the MODE pin is HIGH,
the special functions are active. To provide ActionProbe
capability, the MODE pin should be terminated to GND
through a 10K resistor so the MODE pin can be pulled HIGH
when required.
NC
No Connection
This pin is not connected to circuitry within the device.
These pins can be driven to any voltage or can be left
floating with no effect on the operation of the device.
PRA, I/O
Probe A (Output)
The Probe A pin is used to output data from any
user-defined
design
node
within
the
device.
This
independent diagnostic pin is used in conjunction with the
Probe B pin to allow real-time diagnostic output of any
signal path within the device. The Probe A pin can be used
as a user-defined I/O when debugging has been completed.
The pin's probe capabilities can be permanently disabled to
protect programmed design confidentiality. PRA is active
when the MODE pin is HIGH. This pin functions as an I/O
when the MODE pin is LOW.
PRB, I/O
Probe B (Output)
The Probe B pin is used to output data from any
user-defined
design
node
within
the
device.
This
independent diagnostic pin is used in conjunction with the
Probe A pin to allow real-time diagnostic output of any
signal path within the device. The Probe B pin can be used
as a user-defined I/O when debugging has been completed.
The pin’s probe capabilities can be permanently disabled to
protect programmed design confidentiality. PRB is active
when the MODE pin is HIGH. This pin functions as an I/O
when the MODE pin is LOW.
QCLKA,B,C,D Quadrant Clock (Input/Output)
These four pins are the quadrant clock inputs. When not
used as a register control signal, these pins can function as
general purpose I/O.
SDO
Serial Data (Output)
Serial data output for diagnostic probe and device
programming. SDO is active when the MODE pin is HIGH.
This pin functions as an I/O when MODE pin is LOW.
SDI
Serial Data Input (Input)
Serial data input for diagnostic probe and device
programming. SDI is active when the MODE pin is HIGH.
This pin functions as an I/O when the MODE pin is LOW.
TCK
Test Clock
Clock signal to shift the JTAG data into the device. This pin
functions as an I/O when the JTAG fuse is not programmed.
TDI
Test Data In
Serial data input for JTAG instructions and data. Data is
shifted in on the rising edge of TCLK. This pin functions as
an I/O when the JTAG fuse is not programmed.
TDO
Test Data Out
Serial data output for JTAG instructions and test data. This
pin functions as an I/O when the JTAG fuse is not
programmed.
TMS
Test Mode Select
Serial data input for JTAG test mode. Data is shifted in on
the rising edge of TCLK. This pin functions as an I/O when
the JTAG fuse is not programmed.
VCC
Supply Voltage (Input)
Input HIGH supply voltage.
Note:
TCK, TDI, TDO, TMS are only available on devices
containing JTAG circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com