Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A32100DX-PLB Datasheet(PDF) 46 Page - Actel Corporation

Part # A32100DX-PLB
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-PLB Datasheet(HTML) 46 Page - Actel Corporation

Back Button A32100DX-PLB Datasheet HTML 42Page - Actel Corporation A32100DX-PLB Datasheet HTML 43Page - Actel Corporation A32100DX-PLB Datasheet HTML 44Page - Actel Corporation A32100DX-PLB Datasheet HTML 45Page - Actel Corporation A32100DX-PLB Datasheet HTML 46Page - Actel Corporation A32100DX-PLB Datasheet HTML 47Page - Actel Corporation A32100DX-PLB Datasheet HTML 48Page - Actel Corporation A32100DX-PLB Datasheet HTML 49Page - Actel Corporation A32100DX-PLB Datasheet HTML 50Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
46
Discontinued – v3.0
A321 40DX Timing Char act eristics (continued)
(Worst-Case Commercial Conditions VCC = 4.75 V, TJ = 70°C)
‘–2 Speed
‘–1’ Speed
‘Std’ Speed
‘–F’ Speed
3.3V ‘Std’
Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
TTL Output Module Timing1
tDLH
Data-to-Pad High
3.3
4.4
5.1
6.7
6.0
ns
tDHL
Data-to-Pad Low
3.5
4.6
5.4
7.1
6.3
ns
tENZH
Enable-Pad Z to High
4.1
5.5
6.4
8.4
7.5
ns
tENZL
Enable-Pad Z to Low
4.4
5.9
6.9
9.0
8.1
ns
tENHZ
Enable-Pad High to Z
7.1
9.5
11.1
14.5
13.0
ns
tENLZ
Enable-Pad Low to Z
7.1
9.5
11.1
14.5
13.0
ns
tGLH
G-to-Pad High
6.5
8.7
10.2
13.3
12.0
ns
tGHL
G-to-Pad Low
6.5
8.7
10.2
13.3
12.0
ns
tLSU
I/O Latch Output Set-Up
0.4
0.6
0.7
0.9
0.82
ns
tLH
I/O Latch Output Hold
0.0
0.0
0.0
0.0
0.0
ns
tLCO
I/O Latch Clock-Out (Pad-to-Pad) 32 I/O
8.4
11.1
13.1
17.0
15.4
ns
tACO
Array Latch Clock-Out (Pad-to-Pad) 32 I/O
11.8
15.7
18.5
24.1
21.7
ns
dTLH
Capacitive Loading, Low to High
0.03
0.04
0.05
0.07
0.06
ns/pF
dTHL
Capacitive Loading, High to Low
0.02
0.03
0.07
0.1
0.08
ns/pF
tWDO
Hard-Wired Wide-Decode Output
0.03
0.04
0.05
0.07
0.06
ns/pF
CMOS Output Module Timing1
tDLH
Data-to-Pad High
3.5
4.6
5.4
7.1
6.0
ns
tDHL
Data-to-Pad Low
3.3
4.4
5.1
6.7
6.3
ns
tENZH
Enable-Pad Z to High
4.1
5.5
6.4
8.4
7.5
ns
tENZL
Enable-Pad Z to Low
4.4
5.9
6.9
9.0
8.1
ns
tENHZ
Enable-Pad High to Z
7.1
9.5
11.1
14.5
13.0
ns
tENLZ
Enable-Pad Low to Z
7.1
9.5
11.1
14.5
13.0
ns
tGLH
G-to-Pad High
6.5
8.7
10.2
13.3
12.0
ns
tGHL
G-to-Pad Low
6.5
8.7
10.2
13.3
12.0
ns
tLSU
I/O Latch Set-Up
0.4
0.6
0.7
0.9
0.82
ns
tLH
I/O Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tLCO
I/O Latch Clock-Out (Pad-to-Pad) 32 I/O
9.9
13.3
15.6
20.3
18.3
ns
tACO
Array Latch Clock-Out (Pad-to-Pad) 32 I/O
13.9
18.5
21.8
28.3
25.6
ns
dTLH
Capacitive Loading, Low to High
0.04
0.06
0.07
0.1
0.08
ns/pF
dTHL
Capacitive Loading, High to Low
0.04
0.05
0.06
0.1
0.07
ns/pF
tWDO
Hard-Wired Wide-Decode Output
0.3
0.4
0.5
0.7
0.6
ns/pF
Note:
1.
Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com