Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A32100DX-PLB Datasheet(PDF) 14 Page - Actel Corporation

Part # A32100DX-PLB
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-PLB Datasheet(HTML) 14 Page - Actel Corporation

Back Button A32100DX-PLB Datasheet HTML 10Page - Actel Corporation A32100DX-PLB Datasheet HTML 11Page - Actel Corporation A32100DX-PLB Datasheet HTML 12Page - Actel Corporation A32100DX-PLB Datasheet HTML 13Page - Actel Corporation A32100DX-PLB Datasheet HTML 14Page - Actel Corporation A32100DX-PLB Datasheet HTML 15Page - Actel Corporation A32100DX-PLB Datasheet HTML 16Page - Actel Corporation A32100DX-PLB Datasheet HTML 17Page - Actel Corporation A32100DX-PLB Datasheet HTML 18Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s
14
Discontinued – v3.0
Pa ckage T hermal Char acte rist i cs
The device junction to case thermal characteristic is
θ
jc,
and the junction to ambient air characteristic is
θ
ja. The
thermal characteristics for
θ
ja are shown with two different
air flow rates.
Maximum junction temperature is 150°C.
A sample calculation of the absolute maximum power
dissipation allowed for a PQFP 160-pin package with still air
at commercial temperature is as follows:
Max. junction temp. (°C) – Max. commercial temp.
θ
ja (°C/W)
-----------------------------------------------------------------------------------------------------------------------------
150°C – 70°C
34°C/W
---------------------------------
2.4W
==
Package Type
Pin Count
θ
ja
Maximum Power Dissipation
Still Air
300 ft/min
Still Air
300 ft/min
Plastic Quad Flat Pack
100
42°C/W
33°C/W
1.9 W
2.4 W
Plastic Quad Flat Pack
144
36°C/W
29°C/W
2.2 W
2.8 W
Plastic Quad Flat Pack
160
34°C/W
27°C/W
2.4 W
3.0 W
Plastic Quad Flat Pack
208
25°C/W
16.2°C/W
3.2 W
4.9 W
Plastic Leaded Chip Carrier
84
37°C/W
28°C/W
2.2 W
2.9 W
Thin Quad Flat Pack
176
32°C/W
25°C/W
2.5 W
3.2 W
Power Quad Flat Pack
208
16.8°C/W
11.4°C/W
4.8 W
7.0 W
Power Quad Flat Pack
240
16.1°C/W
10.6°C/W
5.0 W
7.5 W
Very Thin Quad Flat Pack
100
43°C/W
35°C/W
1.9 W
2.3 W
Po wer Dissipatio n
General P o wer E q uation
P = [ICCstandby + ICCactive] * VCC + IOL* VOL* N
+ IOH * (VCC – VOH) * M
where:
ICCstandby is the current flowing when no inputs or
outputs are changing.
ICCactive is the current flowing due to CMOS switching.
IOL, IOH are TTL sink/source currents.
VOL, VOH are TTL level output voltages.
N equals the number of outputs driving TTL loads to VOL.
M equals the number of outputs driving TTL loads to VOH.
An accurate determination of N and M is problematic
because their values depend on the family type, design
details, and on the system I/O. The power can be divided
into two components: static and active.
S t ati c Po wer Co mpon en t
Actel FPGAs have small static power components that
result in lower power dissipation than PALs or PLDs. By
integrating multiple PALs/PLDs into one FPGA, an even
greater reduction in board-level power dissipation can
be achieved.
The power dissipation due to standby current is typically a
small component of the overall power. Standby power is
calculated below for commercial worst case conditions.
ICC
VCC
Power
2 mA
5.25 V
10.5 mW
The static power dissipation by TTL loads depends on the
number of outputs driving HIGH or LOW and the DC load
current. Again, this number is typically small. For instance,
a 32-bit bus sinking 4 mA at 0.33V will generate 42 mW with
all outputs driving LOW and 140 mW with all outputs driving
HIGH. The actual dissipation will average somewhere in
between as I/Os switch states with time.
Active P o wer C o mponent
Power dissipation in CMOS devices is usually dominated by
the active (dynamic) power dissipation. This component is
frequency-dependent, a function of the logic and the
external I/O. Active power dissipation results from charging
internal
chip
capacitances
of
the
interconnect,
unprogrammed antifuses, module inputs, and module
outputs, plus external capacitance due to PC board traces
and load device inputs. An additional component of the
active power dissipation is the totem pole current in the
CMOS transistor pairs. The net effect can be associated with
an equivalent capacitance that can be combined with
frequency and voltage to represent active power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com