Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VK/R2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # PC13892VK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VK/R2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button PC13892VK/R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 75 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
VGEN2 ACTIVE MODE DC
Output Voltage VOUT
VGEN2=000, 001, 010, VINMIN < VIN < VINMAX ILMIN < IL < ILMAX
VGEN2=011, 100, 101, 110, 111, VINMIN < VIN < VINMAX ILMIN < IL < ILMAX
VGEN2
VNOM –
0.05
VNOM –
3%
VNOM
VNOM
VNOM +
0.05
VNOM + 3%
V
Load Regulation
1.0 mA < IL < ILMAX, For any VINMIN < VIN < VINMAX
VGEN2LOR
-
-
0.20
mV/mA
Line Regulation
VINMIN < VIN < VINMAX, For any ILMIN < IL < ILMAX
VGEN2LIR
-
5.0
8.0
mV
Short-circuit Protection Threshold
VINMIN < VIN < VINMAX, Short-circuit VOUT to GND
VGEN2SHT
ILMAX+20
%
-
-
mA
Active Mode Quiescent Current
VINMIN < VIN < VINMAX, IL = 0
IGEN2QS
-
35
45
uA
VGEN2 LOW POWER MODE DC - VGEN2MODE=1
Output Voltage VOUT - VINMIN < VIN < VINMAX, ILMINLP < IL < ILMAXLP
VGEN2=000 to 010
VGEN2=011 to 111
VGEN2LO
VNOM –
0.05
VNOM –
3%
VNOM
VNOM
VNOM +
0.05
VNOM + 3%
V
Current Load Range ILMINLP to ILMAXLP
IGEN2LO
0
-
3.0
mA
Low Power Mode Quiescent Current
VINMIN < VIN < VINMAX, IL = 0
IGEN2QSLO
-
8.0
10.5
µA
VGEN3 GENERAL
Operating Input Voltage Range VINMIN to VINMAX
VGEN3CONFIG, VGEN3=01, 11
VGEN3CONFIG, VGEN3=00, 10
VINGEN3
VNOM+0.2
UVDET
-
-
4.65
4.65
V
Operating Current Load Range ILMIN to ILMAX
Internal Pass FET
External PNP (Not exceeding PNP max power)
IGEN3
0
0
-
-
50
200
mA
Minimum Bypass Capacitor Value
Internal pass device
External pass device
COGEN3
0.65
1.1
2.2
2.2
-
-
µF
Bypass Capacitor ESR
10 kHz -1.0 MHz
ESRGEN3
20
-
100
m
Ω
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com