Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VK/R2 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # PC13892VK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VK/R2 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button PC13892VK/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
13892
FUNCTIONAL DEVICE OPERATION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
skipping feature improves efficiency by reducing dynamic
switching losses simply by switching less often.
In its lowest power mode, the switcher can regulate using
hysteresis control known as a Pulse Frequency Modulation
(PFM) control scheme. The frequency spectrum will be a
function of input and output voltage, loading, and the external
components. Due to its spectral variance and lighter drive
capability, PFM mode is generally reserved for non-active
radio modes and Deep Sleep operation.
CURRENT LIMITER
A built in current limiter ensures that during normal
operation the maximum current through the coil is not
exceeded (refer to Electrical Characteristics). This current
limiter can be disabled by SPI bits.
SWITCHING FREQUENCY
A PLL generates the switcher system clocking from the
32.768 kHz crystal oscillator reference. To allow for spectral
optimization for reduction of spurious influence in a radion
environment, the PLL can be programmed via SPI from a
multiplication factor of 84 to 105, in steps of 3.
BOOST CONVERTERS
SWBST
SWBST is a boost switching regulator with a fixed 5.0 V
output. It runs at 2/3 of the switcher PLL frequency. SWBST
supplies the VUSB regulator for the USB system in OTG
mode, as well as the VBUS voltage at the UVBUS pin.
When SWBST is configured to supply the UVBUS pin in
OTG mode, the feedback will be switched to sense the
UVBUS pin instead of the SWBSTFB pin. Therefore, when
driving the VBUS for OTG mode, the output of the switcher
may rise to 5.75 V to compensate for the voltage drops in the
internal switches. Note that the parasitic leakage path for a
boost switcher will cause the output voltage SWBSTOUT and
SWBSTFB to sit at a Schottky drop below the battery voltage,
whenever SWBST is disabled. The switching NMOS
transistor is integrated on-chip. An external fly back Schottky
diode, inductor, and capacitor are required.
Figure 8. 13892 SWBST Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com