Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VK/R2 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # PC13892VK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VK/R2 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button PC13892VK/R2 Datasheet HTML 58Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 59Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 60Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 61Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 62Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 63Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 64Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 65Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 75 page
background image
Analog Integrated Circuit Device Data
62
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
Figure 12. 13892 Coulomb Counter Block Diagram.
PROTECTIONS AGAINST FAULT CONDITIONS
Counter roll over: CCOUT[15:0]=8000HEX
This occurs when the contents of CCOUT[15:0] go from a
negative to a positive value or vice versa. Software may
interpret incorrectly the battery charge by this change in
polarity. When CCOUT[15:0] becomes equal to 8000HEX the
CCFAULT is set. The counter stays counting so its contents
can still be exploited.
Battery removal: ‘BP<UVDET’
When removing and replacing the battery, the contents of
the counter are no longer valid. A battery removal is
characterized by the input supply to the IC dropping below
the under-voltage detect threshold, so BP<UVDET. To avoid
false detection due to short power cuts, the CCFAULT is set
only after a long debounce of 1.0 second.
Battery removal when charging: BATTDETBS=1
The battery removal detection as described previously is
not applicable when charging, since in this case, the charger
will continue to supply the application and the BP will not drop
below UVDET. To still detect a battery removal, one can use
the battery detect function, as described in ADC Subsystem
on page 61. When the sense bit BATTDETBS becomes a 1,
the CCFAULT is set only after a long debounce of 1.0
second.
Touch Screen Interface
The touch screen interface provides all circuitry required
for the readout of a 4-wire resistive touch screen. The touch
screen X plate is connected to TSX1 and TSX2, while the Y
plate is connected to TSY1 and TSY2. A local supply TSREF
will serve as a reference. Several readout possibilities are
offered.
To perform touch screen readings, the processor will have
to select the touch screen mode, program the delay between
the conversions via the ATO and ATOX settings, trigger the
ADC via one of the trigger sources, wait for an interrupt
indicating the conversion is done, and then read out the data.
In order to reduce the interrupt rate and to allow for easier
noise rejection, the touch screen readings are repeated in the
readout sequence.
The reference for the touch screen is
TSREF and is powered from VCORE. In touch screen
operation, TSREF is a dedicated regulator that is to
say, no other loads than the touch screen should be
connected here.
Table 17. 13892 Touch Screen ADC Readings
ADC CONVERSION
SIGNALS SAMPLED
0
X position
1
X position
2
Dummy
3
Y position
4
Y position
5
Dummy
6
Contact resistance
7
Contact resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com