Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VK/R2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # PC13892VK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VK/R2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PC13892VK/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
13892
PIN CONNECTIONS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
A5
D5
GNDSWBST
Ground
Switcher Boost
Ground
Ground for switcher BST
A6
D8
GNDSWLED
Ground
Switcher LED Ground
Ground for boost converter for serial LED drive
A7
A7
SWLEDOUT
Output
Switcher LED Output
Boost converter output for serial LED drive
A8
A8
MODE
Input
Mode Configuration
USB LBP mode, normal mode, test mode
selection & anti-fuse bias
A9
A9
VCORE
Output
Core Supply
Regulated supply output for the IC analog core
circuitry
A10
A10
BATT
Input
Battery Connection
1. Battery positive terminal
2. Battery current sensing point 2
3. Battery supply voltage sense
A11
A11
CHRGRAW
I/O
Charger Input
1. Charger input
2. Output to battery supplied accesories
A12, A13,
B13
A12
CHRGCTRL2
Output
Charger Control 2
Driver output for charger path FETs M2
B2
B2
GPO1
Output
General Purpose
Output 1
General purpose output 1
B3
C2
DVS2
Input
Dynamic Voltage
Scaling Control 2
Switcher 2 DVS input pin
B4
A4
SWBSTOUT
Power
Switcher Boost Output Switcher BST BP supply
B5
C4
LEDB
Output
LED Driver
General purpose LED driver output Blue
B6
C6
LEDKP
Output
LED Driver
Keypad lighting LED driver output
B7
B5
LEDR
Output
LED Driver
General purpose LED driver output Red
B8
B9
GNDCORE
Ground
Core Ground
Ground for the IC core circuitry
B9
C9
VCOREDIG
Output
Digital Core Supply
Regulated supply output for the IC digital core
circuitry
B10
B11
BP
Power
Battery Plus
1. Application supply point
2. Input supply to the IC core circuitry
3. Application supply voltage sense
B11
D9
CHRGCTRL1
Output
Charger Control 1
Driver output for charger path FETs M1
B12
B13
BATTISNSCC
Input
Battery Current Sense Accumulated current counter current sensing
point
C1
E3
VINPLL
Power
PLL Supply Input
Input regulator processor PLL
C2
B1
VSDDRV
Output
VSD Driver
Drive output regulated SD card
C12
A13
CHRGISNS
Input
Charger Current
Sense
Charge current sensing point 1
C13
B14
BATTISNS
Input
Battery Current Sense Battery current sensing point 1
D1
D1
VUSB
Output
USB Supply
USB transceiver regulator output
D2
C1
VSD
Output
SD Card Supply
Output regulator SD card
D4
C3
SWBSTFB
Input
Switcher Boost
Feedback
Switcher BST feedback
D5
D7
LEDMD
Output
LED Driver
Main display backlight LED driver output
Table 2. 13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 39.
Pin Number
on the
13982VK
Pin Number
on the
13982VL
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com