Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VK/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # PC13892VK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VK/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button PC13892VK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
13892
PIN CONNECTIONS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
J4
M3
CLK32KMCU
Output
32 kHz Clock for MCU 32 kHz clock output for processor
J5
M6
STANDBY
Input
Standby Signal
Standby input signal from processor
J6
N11
GNDADC
Ground
ADC Ground
Ground for A to D circuitry
J7
P12
GNDREG1
Ground
Regulator 1 Ground
Ground for regulators 1
J8
D12
PWRON3
Input
Power On 3
Power on/off button connection 3
J9
M12
TSX1
Input
Touch Screen
Interface X1
Touch screen interface X1
J10
J12
SW2FB
Input
Switcher 2 Feedback
Switcher 2 feedback
J12
M13
TSX2
Input
Touch Screen
Interface X2
Touch screen interface X2
J13
L14
SW2OUT
Output
Switcher 2 Output
Switcher 2 output
K1
L1
SW4OUT
Output
Switcher 4 Output
Switcher 4 output
K2
K3
SPIVCC
Input
Supply Voltage for SPI Supply for SPI bus and audio bus
K4
P3
PWGTDRV1
Output
Power Gate Driver 1
Power gate driver 1
K5
M4
CLK32K
Output
32 kHz Clock
32 kHz clock output for peripherals
K6
L7
VCAM
Output
Camera Supply
Output regulator camera
K7
M8
CFP
Passive
Current Filter Positive
Accumulated current filter cap plus terminal
K8
M9
CFM
Passive
Current Filter Negative Accumulated current filter cap minus terminal
K9
N12
ADIN5
Input
ADC Channel 5 Input
ADC generic input channel 5
K10
P13
ADIN6
Input
ADC Channel 6 Input
ADC generic input channel 6
K12
K12
VVIDEODRV
Output
VVIDEO Driver
Drive output regulator VVIDEO
K13
K13, K14
GNDSW2
Ground
Switcher 2 Ground
Ground for switcher 2
L1
K1, K2
GNDSW4
Ground
Switcher 4 Ground
Ground for switcher 4
L2
L2
CS
Input
Chip Select
Primary SPI select input
L12
L11
TSY2
Input
Touch Screen
Interface Y2
Touch screen interface Y2
L13
L13
VVIDEO
Output
Video Supply
Output regulator TV DAC
M1, N1, N2
N1
VGEN3
Output
General Purpose
Regulator 3
Output GEN3 regulator
M2
M1
CLK
Input
Clock
Primary SPI clock input
M3
N3
VGEN2
Output
General Purpose
Regulator 2
Output GEN2 regulator
M4
M5
VSRTC
Output
SRTC Supply
Output regulator for SRTC module on
processor
M5
P6
GNDRTC
Ground
Real Time Clock
Ground
Ground for the RTC block
M6
M7
VINCAMDRV
I/O
Camera Regulator
Supply Input and
Driver Output
1. Input regulator camera using internal PMOS
FET.
2. Drive output regulator for camera voltage
using external PNP device.
Table 2. 13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 39.
Pin Number
on the
13982VK
Pin Number
on the
13982VL
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com