Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VK/R2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # PC13892VK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VK/R2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button PC13892VK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit
32X CRYSTAL OSCILLATOR
Operating Voltage
Oscillator and RTC Block from BP
VXTAL
1.2
-
4.65
V
Coincell Disconnect Threshold
At LICELL
VLCD
1.8
-
2.0
V
Operating Current XTAL Oscillator and RTC Module
RTC Mode: All blocks disabled, no main battery attached, coin cell is attached
to LICELL
Calibration system
IXTALRTC
IXTALC
-
-
2.0
1.0
5.0
2.0
µA
Output Low CLK32K, CLK32KMCU
Output sink 100 µA
VCLKLO
0
-
0.2
V
Output High
CLK32K Output source 100 µA
CLK32KMCU Output source 100 µA
VCLKHI
VCLKMCUHI
SPIVCC-
0.2
VSRTC-0.2
-
-
SPIVCC
VSRTC
V
VSRTC GENERAL
Operating Input Voltage Range VINMIN to VINMAX
Valid Coin Cell range
Or valid BP
VLICELL
BP
1.8
UVDET
-
-
3.6
4.65
V
Operating Current Load Range ILMIN to ILMAX
ISRTC
0
-
50
µA
Bypass Capacitor Value
CSRTC
-
1.0
-
µF
VSRTC ACTIVE MODE – DC
Output Voltage VOUT
VINMIN < VIN < VINMAX, ILMIN < IL < ILMAX
VSRTC
1.15
1.20
1.25
V
Active Mode Quiescent Current
VINMIN < VIN < VINMAX, IL = 0
IRTCQS
-
0.8
1.0
µA
CLK AND MISO
Input Low CS, MOSI, CLK
VINCSLO
VINMOSILO
VINCLKLO
0
-
0.3*SPIVC
C
V
Input High CS, MOSI, CLK
VINCSHI
VINMOSIHI
VINCLKHI
0.7*SPIVC
C
-
SPIVCC+0.
3
V
Output Low MISO, INT
Output sink 100 µA
VOMISOLO
VOINTLO
0
-
0.2
V
Output High MISO, INT
Output source 100 µA
VOMISOHI
VOINTHI
SPIVCC-
0.2
-
SPIVCC
V
SPIVCC Operating Range
SPIVCC
1.75
-
3.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com