Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892VK/R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PC13892VK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892VK/R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PC13892VK/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC13892VK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
13892
DEVICE VARIATIONS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
DEVICE VARIATIONS
Table 1. Device Variations
Parameter
Condition
Value for
13982VK
Value for
13982VL
Unit
Package size
7x7
12x12
mm
Pitch
0.5
0.8
mm
Pinout
See Pin Connections
Junction to Ambient Natural Convection
Single layer board (1s)
104
65
°C/W
Junction to Ambient Natural Convection
Single layer board (1s)
54
42
°C/W
Junction to Ambient (@ 200 ft/min)
Single layer board (1s)
88
55
°C/W
Junction to Ambient (@ 200 ft/min)
Single layer board (1s)
49
38
°C/W
Junction to Board
32
28
°C/W
Junction to Case
29
22
°C/W
Junction to Package Top
Natural Convection
7.0
5.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com