Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVK/R2 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # PC13892JVK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVK/R2 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button PC13892JVK/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
27
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
ADC
Conversion Current
1
mA
Converter Core Input Range
Single ended voltage readings
Differential readings
0
-1.2
2.4
1.2
V
Maximum Input Voltage(29)
Channels ADIN5, ADIN6 and ADIN7
BP
V
Integral Nonlinearity
3
LSB
Differential Nonlinearity
1
LSB
Zero Scale Error (Offset)
Before auto calibration
After auto calibration
10
1
LSB
Full Scale Error (Gain)
Before auto calibration
After auto calibration
25
5
LSB
Drift Over-temperature (30) - Including scaling
1
LSB
Source Impedance
No bypass capacitor at input
Bypass capacitor at input 10 nF
5
30
K
Ω
Input Buffer Offset - BUFFEN=1
-5
5
mV
Input Buffer Range - BUFFEN=1
0.02
2.4
V
Notes
29.
ADIN5, 6 and 7 inputs must not exceed BP voltage.
30.
Guaranteed by design.
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com