Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVK/R2 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # PC13892JVK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVK/R2 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button PC13892JVK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions -30
°C ≤ TA ≤ 85°C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted. Currents valid over entire
operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in all other modes from BP =
3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit
CURRENT CONSUMPTION
RTC Mode
All blocks disabled, no main battery attached, coin cell is attached to
LICELL
VSRTC
CLK32KMCU (20 pF load)
RTC
RTC Calibration module (optional)
ISRTC
ICLK32KMCU
IRTC
IRTCMOD
-
-
-
-
0.80
1.00
2.00
1.00
1.00
1.10
5.00
2.00
µA
OFF Mode (All blocks disabled, main battery attached)
13892 core and RTC module
IOFF
-
10
20
µA
Power Cut Mode (All blocks disabled, no main battery attached, coin cell
is attached and valid)
13892 core and RTC module
IPCUT
-
3.0
6.0
µA
ON Standby mode - Low power mode
13892 core and RTC module
Trimmed references
4 buck switches in low power mode
3 regulators(5)
Total
ICORESTBY
ITREFSTBY
ISWSTBY
IREGSTBY
ISTBY
-
-
-
-
-
10
20
60
24
114
20
30
120
31.5
200
µA
ON Mode - Typical use case
13892 core and RTC module
Trimmed references
4 buck switches in PWMPS mode
5 Regulators(6)
Total
ICOREON
ITREFON
ISWON
IREGON
ION
-
-
-
-
-
10
20
345
84
459
20
30
610
121.5
1000
µA
Notes
5.
VPLL, VIOHI, VGEN2
6.
VPLL, VIOHI, VGEN2, VAUDIO, VVIDEO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com