Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVK/R2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # PC13892JVK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVK/R2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button PC13892JVK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
13892
PIN CONNECTIONS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
M7
N8
PWGTDRV2
Output
Power Gate Driver 2
Power gate driver 2
M8
L9
VDIG
Output
Digital Supply
Output regulator digital
M9
P11
VINDIG
Input
VDIG Supply Input
Input regulator digital
M10
M10
VGEN1DRV
5.5
Drive output gen1 regulator
M11
N13
ADIN7
Input
ADC Channel 7 Input
ADC generic input channel 7, group 1
M12
M14
TSY1
Input
Touch Screen
Interface Y1
Touch screen interface Y1
M13, N12,
N13
N14
TSREF
Output
Touch Screen
Reference
Touch screen reference
N3
M2
VINGEN3DRV
Power/
Output
VGEN3 Supply Input
and Driver Output
1. Input VGEN3 regulator
2. Drive VGEN3 output regulator
N4
P4
VGEN2DRV
Output
VGEN2 Driver
Drive output GEN2 regulator
N5
N5
XTAL2
Input
Crystal Connection 2
32.768 kHz oscillator crystal connection 2
N6
N6
XTAL1
Input
Crystal Connection 1
32.768 kHz oscillator crystal connection 1
N7
L8
VINAUDIO
Power
Audio Supply Input
Input regulator VAUDIO
N8
N7
VAUDIO
Output
Audio Supply
Output regulator for audio
N9
N9
VIOHI
Output
High Voltage IO
Supply
Output regulator high voltage IO, efuse
N10
N10
VINIOHI
Input
High Voltage IO
Supply Input
Input regulator high voltage IO
N11
M11
VGEN1
Output
General Purpose
Regulator 1
Input GEN1 regulator
Table 2. 13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 39.
Pin Number
on the
13982VK
Pin Number
on the
13982VL
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com