Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVK/R2 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # PC13892JVK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVK/R2 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button PC13892JVK/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
Analog Integrated Circuit Device Data
52
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
Figure 7. Buck Switch Diagram
The Buck switcher topology includes an integrated
synchronous rectifier, meaning that the rectifying diode is
implemented on chip as a low ohmic FET. The placement of
an external diode is therefore not required, but overall
switcher efficiency may benefit from this. The buck
converters permit a 100% duty cycle operation.
During normal operation several power modes are
possible, depending on the loading. For medium and full
loading, synchronous PWM control is the most efficient while
maintaining a constant switching frequency.
The output voltages of the buck switchers are SPI
configurable and two output ranges are available, individually
programmed with SWxHI for SW2, SW3, and SW4 bucks,
SW1 is limited to only one output range. Presets are available
for both the Normal and Standby operation.
The first voltage range that applies for all the Buck
switchers goes from 0.6 to 1.375 V in 25 mV steps. The
second one does not apply for SW1 and goes from 1.1 to
1.85 V also in 25 mV steps.
SW1 and SW2 include pin controlled Dynamic Voltage
Scaling (DVS) operation. When transitioning from one
voltage to another, the output voltage slope is controlled in
steps of 25 mV per time step (time step as defined for DVS
stepping for SW1 and SW2, fixed at 4.0
μs for SW3, and
SW4). This allows for support of dynamic voltage scaling
(DVS) by using SPI driven voltage steps, state machine
defined modes, and direct DVSx pin control. SW1 and SW2
also include the Switcher Increment/Decrement (SID)
feature, with which, an increment command will increase the
set point voltage by a single 25 mV step, and a decrement
command will decrease it in the same amount of voltage. The
transition time for the step will be the same as programmed
for the DVS feature. Maximum and minimum voltages are
programmable to ensure the switcher voltage does not go out
a specific range. Panic mode is also included to quickly return
the switcher voltage to its normal programmed set point.
When initially activated, switcher outputs will apply
controlled stepping to the programmed value. The soft start
feature limits the inrush current at startup.
Point of Load feedback is intended for minimizing errors
due to board level IR drops.
MODES OF OPERATION
Two PWM modes are available:
PWM-NPS: sacrifices low load efficiency for a continuous
switching operation.
PWM-PS: offers better low load efficiency by allowing the
absence of switching cycles at low output loading. This pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com