Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVK/R2 Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # PC13892JVK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVK/R2 Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button PC13892JVK/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 75 page
background image
Analog Integrated Circuit Device Data
54
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
Main characteristics of SWBST are summarized in
Tables 4 and 6.
SWLED
The supply to the serial LEDs is provided by an inductive
boost switcher as illustrated in Figure 9. The boost converter
is automatically enabled when one or more backlight drivers
are enabled.
Figure 9.
The boost converter output voltage is adapted
automatically to the load such that the headroom on the
active LED drivers is maintained at a sufficient level (output
voltage range from BP to 25.5 V). This allows for a very
efficient backlighting scheme. The control is time continuous.
When accounting for the diode drop and the driver headroom,
the total available supply for the LEDs will be sufficient for up
to 6 white LEDs in series. The boost converter runs at 2/3 of
the switcher PLL generated frequency.
PROTECTION FUNCTIONS
Current Limit
SWBST has an over-current limit protection of 1.5 A. A
portion of the output current is sensed across an internal
sense resistor which creates a drop that is then compared to
a fixed voltage. The output of the comparator is the flag of
over-current in the output driver of the boost converter. When
an over-current is detected, the PWM cycle is stopped by
turning off the internal NMOS, which allows the current in the
coil to decrease.
Over-voltage Protection
The boost converter contains a two phase over-voltage
detection to prevent the SWLEDOUT from rising higher than
28V.
LDOS
The following is a description of the linear regulators. For
convenience these regulators are named to indicate their
typical or possible applications, but the supplies are not
limited to these uses, and may be applied to any loads within
the specified regulator capabilities.
A low power standby mode controlled by STANDBY is
provided in which the bias current is aggressively reduced.
This mode is useful for deep sleep operations, where certain
supplies cannot be disabled, but active regulation can be
tolerated with lesser parametric requirements. The output
drive capability and performance are limited in this mode.
Apart from the integrated linear regulators, there are also
GPO output pins provided to enable and disable discrete
regulators or functional blocks, or to use as general purpose
outputs for any system need. For example, one application
may be to enable a battery pack thermistor bias in
synchronization with timed ADC conversions.
All regulators use the main bandgap as the reference. The
main bandgap is bypassed with a capacitor at REFCORE.
The bandgap and the rest of the core circuitry is supplied
from VCORE. The performance of the regulators is directly
dependent on the performance of VCOREDIG and the
bandgap. No external DC loading is allowed on VCOREDIG
or REFCORE. VCOREDIG is kept powered as long as there
is a valid supply and/or coin cell. The following table captures
the main characteristics of the core circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com