Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVK/R2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PC13892JVK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVK/R2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PC13892JVK/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
13892
PIN CONNECTIONS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
F10
E12
GPO2
Output
General Purpose
Output 2
General purpose output 2
F11
E14
RESETBMCU
Output
MCU Reset
Reset output for processor
F12
F13
RESETB
Output
Peripheral Reset
Reset output for peripherals
F13
F14
SW1OUT
Output
Switcher 1 Output
Switcher 1 output
G1
F1
SW3OUT
Output
Switcher 3 Output
Switcher 3 output
G2
F3
VINUSB
Input
VUSB Supply Input
Input option for UVUSB; tie to SWBST at top
level
G4
J3
SW4FB
Input
Switcher 4 Feedback
Switcher 4 feedback
G5
E2
GNDREG2
Ground
Regulator 2 Ground
Ground for regulators 2
G6
G9, G10,
G11, H3, H5,
H6, H7, H8
GNDSUB4
Ground
Ground 4
Non critical signal ground and thermal heat sink
G7
H9, H10,
H12, J5, J6,
J7
GNDSUB5
Ground
Ground 5
Non critical signal ground and thermal heat sink
G8
J8, J9, J10,
K4, K5, K6,
K7
GNDSUB6
Ground
Ground 6
Non critical signal ground and thermal heat sink
G9
C14
PUMS1
Input
Power Up Mode
Select 1
Power up mode supply setting 1
G10
F12
WDI
Input
Watchdog Input
Watchdog input
G12
D14
GPO4
Output
General Purpose
Output 4
General purpose output 4
G13
H13, H14
SW1IN
Input
Switcher 1 Input
Input voltage for switcher 1
H1
H1, H2
SW3IN
Power
Switcher 3 Input
Switcher 3 input
H2
P2
MISO
I/O
Master In Slave Out
Primary SPI read output
H4
L3
GNDSPI
Ground
SPI Ground
Ground for SPI interface
H5
N4
GNDREG3
Ground
Regulator 3 Ground
Ground for regulators 3
H6
K8, K10, L4,
L5, L6, L10
GNDSUB7
Ground
Ground 7
Non critical signal ground and thermal heat sink
H7
P5, P7, P8,
P9, P10
GNDSUB8
Ground
Ground 8
Non critical signal ground and thermal heat sink
H8
GNDSUB9
Ground
Ground 9
Non critical signal ground and thermal heat sink
H9
F11
GNDCTRL
Ground
Logic Control Ground
Ground for control logic
H10
G12
SW1FB
Input
Switcher 1 Feedback
Switcher 1 feedback
H12
L12
STANDBYSEC
Input
Secondary Standby
Signal
Standby input signal from peripherals
H13
J13, J14
SW2IN
Input
Switcher 2 Input
Input voltage for Switcher 2
J1
J1, J2
SW4IN
Power
Switcher 4 Input
Switcher 4 input
J2
N2
MOSI
Input
Master Out Slave In
Primary SPI write input
Table 2. 13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 39.
Pin Number
on the
13982VK
Pin Number
on the
13982VL
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com