Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVK/R2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # PC13892JVK/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVK/R2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button PC13892JVK/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC13892JVK/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
13892
PIN CONNECTIONS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
D6
B7
DVS1
Input
Dynamic Voltage
Scaling Control 1
Switcher 1DVS input pin
D7
B8
REFCORE
Output
Core Reference
Main bandgap reference
D8
B10
CHRGSE1B
Input
Charger Select
Charger forced SE1 detection input
D9
C10
LICELL
I/O
Coin Cell Connection
1. Coin cell supply input
2. Coin cell charger output
D10
C11
BATTFET
Output
Battery FET
Connection
Driver output for battery path FET M3
D12
C12
BPSNS
Input
Battery Plus Sense
1. BP sense point
2. Charge current sensing point 2
D13
D11
PWRON1
Input
Power On 1
Power on/off button connection 1
E1
E1
UVBUS
I/O
USB Bus
1. USB transceiver cable interface
2. VBUS & OTG supply output
E2
D2
VPLL
Output
Voltage Supply for
PLL
Output regulator processor PLL
E4
C5
LEDG
Output
PWM Driver for Green
LED
General purpose LED driver output Green
E5
D6
GNDLED
Ground
LED Ground
Ground for LED drivers
E6
B6
UID
Input
USB ID
USB OTG transceiver cable ID
E7
C8
PUMS2
Input
Power Up Mode
Select 2
Power up mode supply setting 2
E8
B12
GNDCHRG
Ground
Charger Ground
Ground for charger interface
E9
D10
CHRGLED
Output
Charger LED
Trickle LED driver output 1
E10
E11
PWRON2
Input
Power On 2
Power on/off button connection 2
E11
D13
ADTRIG
Input
ADC Trigger
ADC trigger input
E12
E13
INT
Output
Interrupt Signal
Interrupt to processor
E13
G13, G14
GNDSW1
Ground
Switcher 1 Ground
Ground for switcher 1
F1
G1, G2
GNDSW3
Ground
Switcher 3 Ground
Ground for switcher 3
F2
F2
VBUSEN
Input
VBUS Enable
External VBUS enable pin for OTG supply
F4
G3
SW3FB
Input
Switcher 3 Feedback
Switcher 3 feedback
F5
C7
LEDAD
Output
Auxiliary Display LED
Auxiliary display backlight LED driver output
F6
A6, B3, B4,
D3, D4, E4,
E5, E6
GNDSUB1
Ground
Ground 1
Non critical signal ground and thermal heat sink
F7
E7, E8, E9,
E10, F4, F5,
F6
GNDSUB2
Ground
Ground 2
Non critical signal ground and thermal heat sink
F8
F7, F8, F9,
F10, G4, G5,
G6, G7, G8
GNDSUB3
Ground
Ground 3
Non critical signal ground and thermal heat sink
F9
C13
GPO3
Output
General Purpose
Output 3
General purpose output 3
Table 2. 13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 39.
Pin Number
on the
13982VK
Pin Number
on the
13982VL
Pin Name
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com