Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVL/R2 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # PC13892JVL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVL/R2 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button PC13892JVL/R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
Analog Integrated Circuit Device Data
26
Freescale Semiconductor
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
CHARGE PATH REGULATOR (CONTINUED)
Transient Overshoot
Charge current 1.0 mA to 1.0 A, Rise time 5.0 us
BPOS
-
-
2.0
%
Configuration
Input Capacitance - CHRGRAW(24)
Load Capacitor - BPSNS(24)
Cable length
CINCHRG
CBP
LC
-
10
-
2.2
-
-
-
47
3
µF
µF
m
THERMAL
Thermal Warning Lower Threshold
TWL
95
100
105
°C
Thermal Warning Higher Threshold
TWH
115
120
125
°C
Thermal Warning Hysteresis(25)
TWHY
2.0
-
4.0
°C
Thermal Protection Threshold
TPT
130
140
150
°C
BACKLIGHT LED DRIVERS
Absolute Accuracy - All current settings
-
-
15
%
Matching - At 400 mV, 21 mA
-
-
3
%
Leakage - LEDxDC[5:0]=000000
-
-
1
µA
SIGNALING LED DRIVERS
Absolute Accuracy - All current settings
-
-
15
%
Matching - At 400 mV, 21 mA
-
-
3
%
Leakage - LEDxDC[5:0]=000000
-
-
1
µA
UVBUS - GENERAL
Operating Input Voltage Range VINMIN to VINMAX(26)
VINUSB supplied by SWBST
4.75
5
5.25
V
Operating Current Load Range ILMIN to ILMAX
0
100
mA
Minimum Bypass Capacitor Value
(27)
(27)
6.5 (28)
µF
Bypass Capacitor ESR - 10 kHz-1.0 MHz
(27)
(27)
(28)
W
ACTIVE MODE DC
Output Voltage VOUT - (VNOM = 2.775), VINMIN < VIN < VINMAX, ILMIN < IL < ILMAX
4.4
5.0
5.25
V
Short-circuit Protection Threshold ** - VINMIN < VIN < VINMAX, Short-circuit VOUT
to ground
ILMAX+20
%
-
-
mA
Notes
24.
An additional derating of 35% is allowed.
25.
Equivalent to approx. 30 mW min, 60 mW max
26.
Guaranteed by design.
27.
Filtering is shared with CHRGRAW (shorted at board level). 2.2 uF is typically included at the CHRGRAW pin.
28.
6.5 uF is the maximum allowable capacitance on VBUS including all tolerances of filtering capacitance on VBUS and CHRGRAW (which
are shorted at the board level).
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com