Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVL/R2 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # PC13892JVL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVL/R2 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button PC13892JVL/R2 Datasheet HTML 40Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
Analog Integrated Circuit Device Data
44
Freescale Semiconductor
13892
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
Table 9. Power Up Defaults
i.MX
37/51
37/51
37/51
37/51
35
27/31
PUMS1
GND
OPEN
VCOREDIG
VCORE
GND
OPEN
PUMS2
OPEN
OPEN
OPEN
OPEN
GND
GND
SW1(43)
0.775
1.050
1.050
0.775
1.200
1.200
SW2(43)
1.025
1.225
1.225
1.025
1.350
1.450
SW3(43)
1.200
1.200
1.200
1.200
1.800
1.800
SW4(43)
1.800
1.800
1.800
1.800
1.800
1.800
SWBST
Off
Off
Off
Off
5.000
5.000
VUSB
3.300(44)
3.300(44)
3.300(44)
3.300(44)
3.300(46)
3.300(46)
VUSB2
2.600
2.600
2.600
2.600
2.600
2.600
VPLL
1.800
1.800
1.800
1.800
1.500
1.500
VDIG
1.250
1.250
1.250
1.250
1.250
1.250
VIOHI
2.775
2.775
2.775
2.775
2.775
2.775
VGEN2
3.150
Off
3.150
Off
3.150
3.150
VSD
Off
Off
Off
Off
3.15
3.15
Notes
43.
The switchers SWx are activated in PWM pulse skipping mode allowed when enabled by the startup sequencer.
44.
USB supplies VUSB, is only enabled if 5.0 V is present on UVBUS.
45.
The following supplies are not included in the matrix, since they are not intended for activation by the start-up sequencer: VCAM,
VGEN1, VGEN3, VVIDEO, and VAUDIO.
46.
SWBST = 5.0 V, powers up, as does VUSB, regardless of the 5.0 V present on UVBUS. By default VUSB will be supplied by SWBST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com