Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVL/R2 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # PC13892JVL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVL/R2 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button PC13892JVL/R2 Datasheet HTML 41Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 42Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 43Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 44Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 45Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
13892
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
MODE
USB LBP mode, normal mode, test mode selection & anti-
fuse bias. During evaluation and testing, the IC can be
configured for normal operation or test mode via the MODE
pin as summarized in the following table.
GNDCTRL
Ground for control logic.
SPIVCC
Supply for SPI bus and audio bus
CS
CS held low at Cold Start configures the interface for SPI
mode. Once activated, CS functions as the SPI Chip Select.
CS tied to VCORE at Cold Start configures the interface for
I2C mode; the pin is not used in I2C mode other than for
configuration.
Because the SPI interface pins can be reconfigured for
reuse as an I2C interface, a configuration protocol mandates
that the CS pin is held low during a turn on event for the IC (a
weak pull-down is integrated on the CS pin).
CLK
Primary SPI clock input. In I2C mode, this pin is the SCL
signal (I2C bus clock).
MOSI
Primary SPI write input. In I2C mode, the MOSI pin hard
wired to ground or VCORE is used to select between two
possible addresses (A0 address selection).
MISO
Primary SPI read output. In I2C mode, this pin is the SDA
signal (bi-directional serial data line).
GNDSPI
Ground for SPI interface.
Table 10. Power Up Sequence
Tap x 2.0 ms
PUMS2 = OPEN (I,MX37,i.MX51)
PUMS2 = GND (i.MX35,i.MX27)
0
SW2
SW2
1
SW4
VGEN2
2
VIOHI
SW4
3
VGEN2
VIOHI, VSD
4
SW1
SWBST, VUSB(50)
5
SW3
SW1
6
VPLL
VPLL
7
VDIG
SW3
8
VDIG
9
VUSB(49), VUSB2
VUSB2
Notes
47.
Time slots may be included for blocks which are defined by the PUMS pins as disabled, to allow for potential activation.
48.
The following supplies are not included in the matrix, since they are not intended for activation by the start-up sequencer: VCAM,
VGEN1, VGEN3, VVIDEO, and VAUDIO. SWBST is not included on the PUMS2 = Open column
49.
USB supplies VUSB, is only enabled if 5.0 V is present on UVBUS.
50.
SWBST = 5.0 V, powers up, as does VUSB, regardless of the 5.0 V present on UVBUS. By default VUSB will be supplied by SWBST.
MODE PIN STATE
MODE
Ground
Normal Operation
VCOREDIG
USB Low Power Boot Allowed
VCORE
Test Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com