Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVL/R2 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # PC13892JVL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVL/R2 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button PC13892JVL/R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
TOUCH SCREEN
Plate Maximum Voltage X, Y(32)
VCORE
V
Plate Resistance X, Y
100
1000
Ω
Resistance Between Plates Setting Time - Contact
Position measurement
180
3
1200
5.5
Ω
µs
Capacitance Between Plates
0.5
2
nF
Contact Resistance Current Source
100
uA
Interrupt Current Source
20
uA
Interrupt Threshold for Pressure Application
40
50
60
K
Ω
Interrupt Threshold for Pressure Removal
60
80
95
K
Ω
Current Source Inaccuracy - Over-temperature
20
%
Touch Screen
Quiescent Current - Active Mode
20
µA
Max Load Current - Active Mode
20
mA
Output Voltage - 0<IL<20 mA
-3%
1.20
+3%
V
Load Regulation - 0<IL<20 mA
0.8
mV/mA
PSRR (33) - IL=15 mA
40
dB
Bypass Capacitor ESR
0
0.1
Ω
Bypass Capacitance
0.65
2.2
+35%
µF
Discharge Resistor - Regulator disable
100
Ω
Notes
31.
All characteristics in this table are applicable only for non touch screen operation
32.
TS[xy][1,2] inputs must not exceed BP or VCORE
33.
Guaranteed by design.
Table 5. Static Electrical Characteristics (Continued)
Currents valid over entire operating temperature range, except at 25°C only. Current in RTC Mode is from LICELL = 2.5 V, in
all other modes from BP = 3.6 V. External loads are not included.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com