Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVL/R2 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # PC13892JVL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVL/R2 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button PC13892JVL/R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 29Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 30Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 31Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 32Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
13892
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 6. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ BATT ≤ 4.8 V, --30 ≤ TA ≤ 85°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
32X CRYSTAL OSCILLATOR
RTC oscillator start-up time
Upon application of power
tRTCST
-
-
1.0
Sec
CLK32K Rise and Fall Time - CL=50 pF
CLK32KDRV[1:0]=00 (default)
CLK32KDRV[1:0]=01
CLK32KDRV[1:0]=10
CLK32KDRV[1:0]=11
tCLK32KET
-
-
-
-
22
11
High Z
44
-
-
-
-
ns
CLK32KMCU Rise and Fall Time
CL=12 pF
tCLK32KMCUE
T
-
22
-
ns
CLK32K and CLK32KMCU Output Duty Cycle
Crystal on XTAL1, XTAL2 pins
tCLK32KDC,
tCLK32KMCUD
C
45
-
55
%
RMS Output Jitter(34)
1.0 Sigma for Gaussian distribution
tCLKJ
-
-
30
ns RMS
CLK AND MISO
MISO Rise and Fall Time, CL=50 pF, SPIVCC=1.8 V
SPIDRV [1:0]=00 (default)
SPIDRV [1:0]=01
SPIDRV [1:0]=10
SPIDRV [1:0]=11
tMISOET
-
-
-
-
11
6.0
High Z
22
-
-
-
-
ns
BUCK CONVERTERS
Turn-on Time, Enable to 90% of end value, IL=0
tONPWM
-
-
500
µs
SWBST
Turn-on Time
Enable to 90% of VOUT, IL=0
tONBST
-
-
2.0
ms
Transient Load Response, IL from 1.0 mA to 100 mA in 1.0 µs steps
Maximum transient Amplitude
Time to settle 80% of transient
ATMAX
-
-
-
-
300
500
mV
µs
Transient Load Response, IL from 100 mA to 1.0 mA
Maximum transient Amplitude
Time to settle 80% of transient
ATMAX
-
-
-
-
300
20
mV
µs
Notes
34.
Output jitter exhibits a Gaussian distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com