Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVL/R2 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # PC13892JVL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVL/R2 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button PC13892JVL/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 55Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 56Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 57Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 58Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 59Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
Analog Integrated Circuit Device Data
56
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
Figure 10. Transient Response Waveforms
VAUDIO AND VVIDEO SUPPLIES
The primary applications of these power supplies are for
audio, and TV-DAC. These supplies could also be used for
other peripherals if one of these functions is not required. Low
Power modes and programmable Standby options can be
used to optimize power efficiency during deep sleep modes.
VAUDIO is implemented with an integrated PMOS pass
FET and has a dedicated input supply pin VINAUDIO.
The nominal output voltage (VNOM as referred in Table
Table 4) of VVIDEO can go from 2.5 to 2.7 V on 0.1 V steps,
it also can be programmed to be 2.775 V. Its output current
depends on the external pass device.
The nominal output voltage (VNOM as referred in Table
Table 4) of VAUDIO can be programmed to be 2.3, 2.5, 2.775
or 3.0 V.
LOW VOLTAGE SUPPLIES
VDIG and VPLL are provided for isolated biasing of the
Baseband system PLLs for clock generation in support of
protocol and peripheral needs. Depending on the lineup and
power requirements, these supplies may be considered for
sharing with other loads, but noise injection must be avoided
and filtering added if necessary, to ensure suitable PLL
performance. The VDIG and VPLL regulators have a
dedicated input supply pin: VINDIG for the VDIG regulator
and VINPLL for the VPLL regulator. VINDIG and VINPLL can
be connected to either BP or a 1.8 V switched mode power
supply rail such as from SW4 for the two lower set points of
each regulator (1.2 V and 1.25 V output for VPLL and 1.05
and 1.25 V output for VDIG). In addition, when the two upper
set points are used (1.50 V and 1.8 V output for VPLL and
1.65 V and 1.8 V for VDIG) can be connected to either BP or
a 2.2 V nominal external switched mode power supply rail to
improve power dissipation.
The nominal programmable output voltage of VPLL (VNOM
as referred in Table 4) could be 1.2, 1.25, 1.50 or 1.8 V, while
VDIG can be configured to 1.05, 1.25, 1.65 and 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com