Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC13892JVL/R2 Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # PC13892JVL/R2
Description  Power Management and User Interface IC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC13892JVL/R2 Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button PC13892JVL/R2 Datasheet HTML 46Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 47Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 48Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 49Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 50Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 51Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 52Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 53Page - Freescale Semiconductor, Inc PC13892JVL/R2 Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 75 page
background image
Analog Integrated Circuit Device Data
50
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers indicated here currently are not
available from Freescale for import or sale in the United States prior to September 2010: MC13892VK and MC13892VL in 139, 186 MAPBGA packages.
SPI INTERFACE
The IC contains a SPI interface port which allows access
by a processor to the register set. Via these registers, the
resources of the IC can be controlled. The registers also
provide status information about how the IC is operating as
well as information on external signals.
The SPI port utilizes 32-bit serial data words comprised of
1 write/read_b bit, 6 address bits, 1 null bit, and 24 data bits.
The addressable register map spans 64 registers of 24 data
bits each.
I2C INTERFACE
When configured for I2C mode, the interface may be used
to access the complete register map. Since SPI configuration
is more typical, references within this document will generally
refer to the common register set as a “SPI map” and bits as
“SPI bits”. However, it should be understood that access
reverts to I2C mode when configured as such.
The SPI pins CLK and MISO are reused for the SCL and
SDA lines respectively. Selection of I2C mode for the
interface is configured by hardwiring the CS pin to VCORE on
the application board.
The I2C mode of the interface is implemented generally
following the Fast Mode definition, which supports up to
400 kbits/s operation. (exceptions to the standard are noted
to be 7-bit only addressing and no support for General Call
addressing).
Timing diagrams, electrical specifications, and further
details can be found in the I2C specification, which is
available for download at:
http://www.nxp.com/acrobat_download/literature/9398/
39340011.pdf
INTERRUPT CONTROL
The system is informed about important events based on
interrupts. Unmasked interrupt events are signaled to the
processor by driving the INT pin high; this is true whether the
communication interface is configured for SPI or I2C.
Each interrupt is latched so that even if the interrupt source
becomes inactive, the interrupt will remain set until cleared.
Each interrupt can be cleared by writing a 1 to the appropriate
bit in the Interrupt Status register. This will also cause the
interrupt line to go low. If a new interrupt occurs while the
processor clears an existing interrupt bit, the interrupt line will
remain high.
Each interrupt can be masked by setting the
corresponding mask bit to a 1. As a result, when a masked
interrupt bit goes high, the interrupt line will not go high. A
masked interrupt can still be read from the Interrupt Status
register. This gives the processor the option of polling for
status from the IC. The IC powers up with all interrupts
masked, so the processor must initially poll the device to
determine if any interrupts are active. Alternatively, the
processor can unmask the interrupt bits of interest. If a
masked interrupt bit was already high, the interrupt line will go
high after unmasking.
Interrupts generated by external events are debounced;
therefore, the event needs to be stable throughout the
debounce period before an interrupt is generated. Nominal
debounce periods for each event are documented in the INT
summary table following later in this chapter. Due to the
asynchronous nature of the debounce timer the effective
debounce time can vary slightly.
Table 14. Muxed Pin Options for SPI and I2C Interfaces (I2C Functions)
PIN NAME
I2C Mode Functionality
CS
Configuration(53)
CLK
SCL: I2CBUS clock
MISO
SDA: Bi-directional serial data line
MOSI
A0 Address Selection(54)
Notes
53.
CS tied to VCORE at Cold Start configures interface for I2C mode; the pin is not used in I2C mode other than for configuration.
54.
In I2C mode, the MOSI pin hard wired to ground or VCORE is used to select between two possible addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com