Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega16M1 Datasheet(PDF) 69 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 65Page - ATMEL Corporation ATmega16M1 Datasheet HTML 66Page - ATMEL Corporation ATmega16M1 Datasheet HTML 67Page - ATMEL Corporation ATmega16M1 Datasheet HTML 68Page - ATMEL Corporation ATmega16M1 Datasheet HTML 69Page - ATMEL Corporation ATmega16M1 Datasheet HTML 70Page - ATMEL Corporation ATmega16M1 Datasheet HTML 71Page - ATMEL Corporation ATmega16M1 Datasheet HTML 72Page - ATMEL Corporation ATmega16M1 Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 365 page
background image
69
7647F–AVR–04/09
ATmega16/32/64/M1/C1
9.3.1
MCU Control Register – MCUCR
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). Se
9.3.2
Alternate Functions of Port B
The Port B pins with alternate functions are shown in Table 9-3.
The alternate pin configuration is as follows:
• ADC4/PSCOUT0B/SCK/PCINT7 – Bit 7
PSCOUT0B, Output 0B of PSC.
Bit
7
6
5
4
3
2
1
0
SPIPS
–
–PUD
–
–
IVSEL
IVCE
MCUCR
Read/Write
R/W
R
R
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 9-3.
Port B Pins Alternate Functions
Port Pin
Alternate Functions
PB7
PSCOUT0B (PSC output 0B)
ADC4 (Analog Input Channel 4)
SCK (SPI Bus Serial Clock)
PCINT7 (Pin Change Interrupt 7)
PB6
ADC7 (Analog Input Channel 7)
PSCOUT1B (PSC output 1B)
PCINT6 (Pin Change Interrupt 6)
PB5
ADC6 (Analog Input Channel 6)
INT2 (External Interrupt 2)
ACMPN1 (Analog Comparator 1 Negative Input)
AMP2- (Analog Differential Amplicator 2 Negative Input)
PCINT5 (Pin Change Interrupt 5)
PB4
AMP0+ (Analog Differential Amplifier 0 Positive Input)
PCINT4 (Pin Change Interrupt 4)
PB3
AMP0- (Analog Differential Amplifier 0 Negative Input)
PCINT3 (Pin Change Interrupt 3)
PB2
ADC5 (Analog Input Channel5 )
INT1 (External Interrupt 1)
ACMPN0 (Analog Comparator 0 Negative Input)
PCINT2 (Pin Change Interrupt 2)
PB1
MOSI (SPI Master Out Slave In)
PSCOUT2B (PSC output 2B)
PCINT1 (Pin Change Interrupt 1)
PB0
MISO (SPI Master In Slave Out)
PSCOUT2A (PSC output 2A)
PCINT0 (Pin Change Interrupt 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com