Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega16M1 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 32Page - ATMEL Corporation ATmega16M1 Datasheet HTML 33Page - ATMEL Corporation ATmega16M1 Datasheet HTML 34Page - ATMEL Corporation ATmega16M1 Datasheet HTML 35Page - ATMEL Corporation ATmega16M1 Datasheet HTML 36Page - ATMEL Corporation ATmega16M1 Datasheet HTML 37Page - ATMEL Corporation ATmega16M1 Datasheet HTML 38Page - ATMEL Corporation ATmega16M1 Datasheet HTML 39Page - ATMEL Corporation ATmega16M1 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 365 page
background image
36
7647F–AVR–04/09
ATmega16/32/64/M1/C1
5.6.2
PLL Control and Status Register – PLLCSR
• Bit 7..3 – Res: Reserved Bits
These bits are reserved bits in the ATmega16/32/64/M1/C1 and always read as zero.
• Bit 2 – PLLF: PLL Factor
The PLLF bit is used to select the division factor of the PLL.
If PLLF is set, the PLL output is 64MHz.
If PLLF is clear, the PLL output is 32MHz.
• Bit 1 – PLLE: PLL Enable
When the PLLE is set, the PLL is started and if not yet started the internal RC Oscillator is
started as PLL reference clock. If PLL is selected as a system clock source the value for this bit
is always 1.
• Bit 0 – PLOCK: PLL Lock Detector
When the PLOCK bit is set, the PLL is locked to the reference clock, and it is safe to enable
CLK
PLL for Fast Peripherals. After the PLL is enabled, it takes about 100 ms for the PLL to lock.
5.7
128 kHz Internal Oscillator
The 128 kHz internal Oscillator is a low power Oscillator providing a clock of 128 kHz. The fre-
quency is nominal at 3V and 25
° C. This clock is used by the Watchdog Oscillator.
5.8
External Clock
To drive the device from an external clock source, XTAL1 should be driven as shown in Figure
5-4. To run the device on an external clock, the CKSEL Fuses must be programmed to “0000”.
Figure 5-4.
External Clock Drive Configuration
Bit
7
6543
210
$29 ($29)
–
––––
PLLF
PLLE
PLOCK
PLLCSR
Read/Write
R
R
R
R
R
R/W
R/W
R
Initial Value
0
0000
0
0/1
0
Table 5-8.
External Clock Frequency
CKSEL3..0
Frequency Range
0000
0 - 16 MHz
XTAL2
XTAL1
GND
NC
External
Clock
Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com