Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega16M1 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 39Page - ATMEL Corporation ATmega16M1 Datasheet HTML 40Page - ATMEL Corporation ATmega16M1 Datasheet HTML 41Page - ATMEL Corporation ATmega16M1 Datasheet HTML 42Page - ATMEL Corporation ATmega16M1 Datasheet HTML 43Page - ATMEL Corporation ATmega16M1 Datasheet HTML 44Page - ATMEL Corporation ATmega16M1 Datasheet HTML 45Page - ATMEL Corporation ATmega16M1 Datasheet HTML 46Page - ATMEL Corporation ATmega16M1 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 365 page
background image
43
7647F–AVR–04/09
ATmega16/32/64/M1/C1
6.6.1
Power Reduction Register - PRR
• Bit 7 - Res: Reserved Bit
This bit is unused bit in the ATmega16/32/64/M1/C1, and will always read as zero.
• Bit 6 - PRCAN: Power Reduction CAN
Writing a logic one to this bit reduces the consumption of the CAN by stopping the clock to this
module. When waking up the CAN again, the CAN should be re initialized to ensure proper
operation.
• Bit 5 - PRPSC: Power Reduction PSC
Writing a logic one to this bit reduces the consumption of the PSC by stopping the clock to this
module. When waking up the PSC again, the PSC should be re initialized to ensure proper
operation.
• Bit 4 - PRTIM1: Power Reduction Timer/Counter1
Writing a logic one to this bit reduces the consumption of the Timer/Counter1 module. When the
Timer/Counter1 is enabled, operation will continue like before the setting of this bit.
• Bit 3 - PRTIM0: Power Reduction Timer/Counter0
Writing a logic one to this bit reduces the consumption of the Timer/Counter0 module. When the
Timer/Counter0 is enabled, operation will continue like before the setting of this bit.
• Bit 2 - PRSPI: Power Reduction Serial Peripheral Interface
Writing a logic one to this bit reduces the consumption of the Serial Peripheral Interface by stop-
ping the clock to this module. When waking up the SPI again, the SPI should be re initialized to
ensure proper operation.
• Bit 1 - PRLIN: Power Reduction LIN
Writing a logic one to this bit reduces the consumption of the UART controller by stopping the
clock to this module. When waking up the UART controller again, the UART controller should be
re initialized to ensure proper operation.
• Bit 0 - PRADC: Power Reduction ADC
Writing a logic one to this bit reduces the consumption of the ADC by stopping the clock to this
module. The ADC must be disabled before using this function. The analog comparator cannot
use the ADC input MUX when the clock of ADC is stopped.
Bit
7
6
543
2
1
0
-
PRCAN
PRPSC
PRTIM1
PRTIM0
PRSPI
PRLIN
PRADC
PRR
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com