Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega16M1 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 74Page - ATMEL Corporation ATmega16M1 Datasheet HTML 75Page - ATMEL Corporation ATmega16M1 Datasheet HTML 76Page - ATMEL Corporation ATmega16M1 Datasheet HTML 77Page - ATMEL Corporation ATmega16M1 Datasheet HTML 78Page - ATMEL Corporation ATmega16M1 Datasheet HTML 79Page - ATMEL Corporation ATmega16M1 Datasheet HTML 80Page - ATMEL Corporation ATmega16M1 Datasheet HTML 81Page - ATMEL Corporation ATmega16M1 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 365 page
background image
78
7647F–AVR–04/09
ATmega16/32/64/M1/C1
9.3.5
Alternate Functions of Port E
The Port E pins with alternate functions are shown in Table 9-12.
Note:
On the engineering samples (Parts marked AT90PWM324), the ACMPN3 alternate function is not
located on PC4. It is located on PE2.
Table 9-11.
Overriding Signals for Alternate Functions in PD3..PD0
Signal Name
PD3/TXD/TXLIN/
OC0A/SS/MOSI_A/
PCINT19
PD2/PSCIN2/
OC1A/MISO_A/
PCINT18
PD1/PSCIN0/
CLKO/
PCINT17
PD0/PSCOUT0A/
XCK/PCINT16
PUOE
TXEN + SPE •
MSTR • SPIPS
–0
SPE •
MSTR • SPIPS
PUOV
TXEN • SPE • MSTR
• SPIPS • PD3 • PUD
–
0
PD0 • PUD
DDOE
TXEN + SPE •
MSTR • SPIPS
–0
PSCen00 + SPE •
MSTR • SPIPS
DDOV
TXEN
0
0
PSCen00
PVOE
TXEN + OC0en +
SPE •
MSTR • SPIPS
–
0
PSCen00 + UMSEL
PVOV
TXEN • TXD + TXEN
• (OC0en • OC0 +
OC0en • SPIPS •
MOSI)
–0
–
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
SS
MOSI_Ain
AIO
Table 9-12.
Port E Pins Alternate Functions
Port Pin
Alternate Function
PE2
XTAL2 (XTAL Output)
ADC0 (Analog Input Channel 0)
PCINT26 (Pin Change Interrupt 26)
PE1
XTAL1 (XTAL Input)
OC0B (Timer 0 Output Compare B)
PCINT25 (Pin Change Interrupt 25)
PE0
RESET# (Reset Input)
OCD (On Chip Debug I/O)
PCINT24 (Pin Change Interrupt 24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com