Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega16M1 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 31Page - ATMEL Corporation ATmega16M1 Datasheet HTML 32Page - ATMEL Corporation ATmega16M1 Datasheet HTML 33Page - ATMEL Corporation ATmega16M1 Datasheet HTML 34Page - ATMEL Corporation ATmega16M1 Datasheet HTML 35Page - ATMEL Corporation ATmega16M1 Datasheet HTML 36Page - ATMEL Corporation ATmega16M1 Datasheet HTML 37Page - ATMEL Corporation ATmega16M1 Datasheet HTML 38Page - ATMEL Corporation ATmega16M1 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 365 page
background image
35
7647F–AVR–04/09
ATmega16/32/64/M1/C1
Figure 5-3.
PLL Clocking System
Table 5-7.
Start-up Times when the PLL is selected as system clock
CKSEL
3..0
SUT1..0
Start-up Time from Power-down
and Power-save
Additional Delay from Reset
(V
CC = 5.0V)
0011
RC Osc
00
1K CK
14CK
01
1K CK
14CK + 4 ms
10
1K CK
14CK + 64 ms
11
16K CK
14CK
0101
Ext Osc
00
1K CK
14CK
01
1K CK
14CK + 4 ms
10
16K CK
14CK + 4 ms
11
16K CK
14CK + 64 ms
0001
Ext Clk
00
6 CK (1)
1.
This value do not provide a proper restart ; do not use PD in this clock scheme
14CK
01
6 CK (2)
2.
This value do not provide a proper restart ; do not use PD in this clock scheme
14CK + 4 ms
10
6 CK (3)
3.
This value do not provide a proper restart ; do not use PD in this clock scheme
14CK + 64 ms
11
Reserved
8 MHz
RC OSCILLATOR
OSCCAL
XTAL1
XTAL2
OSCILLATORS
DIVIDE
BY 8
DIVIDE
BY 2
CK
PLL
64x
PLLE
Lock
Detector
PLOCK
SOURCE
PLLF
DIVIDE
BY 4
CLK
PLL
CKSEL3..0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com