Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATmega16M1 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATmega16M1
Description  8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16M1 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATmega16M1 Datasheet HTML 73Page - ATMEL Corporation ATmega16M1 Datasheet HTML 74Page - ATMEL Corporation ATmega16M1 Datasheet HTML 75Page - ATMEL Corporation ATmega16M1 Datasheet HTML 76Page - ATMEL Corporation ATmega16M1 Datasheet HTML 77Page - ATMEL Corporation ATmega16M1 Datasheet HTML 78Page - ATMEL Corporation ATmega16M1 Datasheet HTML 79Page - ATMEL Corporation ATmega16M1 Datasheet HTML 80Page - ATMEL Corporation ATmega16M1 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 365 page
background image
77
7647F–AVR–04/09
ATmega16/32/64/M1/C1
MISO_A: Master Data input, Slave Data output pin for SPI channel. When the SPI is enabled as
a master, this pin is configured as an input regardless of the setting of DDD2. When the SPI is
enabled as a slave, the data direction of this pin is controlled by DDD2. When the pin is forced to
be an input, the pull-up can still be controlled by the PORTD2 bit.
PCINT18, Pin Change Interrupt 18.
• PCINT17/PSCIN0/CLKO – Bit 1
PCSIN0, PSC Digital Input 0.
CLKO, Divided System Clock: The divided system clock can be output on this pin. The divided
system clock will be output if the CKOUT Fuse is programmed, regardless of the PORTD1 and
DDD1 settings. It will also be output during reset.
PCINT17, Pin Change Interrupt 17.
• PCINT16/PSCOUT0A – Bit 0
PSCOUT0A: Output 0 of PSC 0.
PCINT16, Pin Change Interrupt 16.
Table 9-10 and Table 9-11 relates the alternate functions of Port D to the overriding signals
shown in Figure 9-5 on page 67.
Table 9-10.
Overriding Signals for Alternate Functions PD7..PD4
Signal Name
PD7/
ACMP0/
PCINT23
PD6/ADC3/
ACMPN2/INT0/
PCINT22
PD5/ADC2/
ACMP2/PCINT21
PD4/ADC1/RXD/
RXLIN/ICP1A/
SCK_A/PCINT20
PUOE
0
0
0
RXEN + SPE •
MSTR • SPIPS
PUOV
0
0
0
PD4 •
PUD
DDOE
0
0
0
RXEN + SPE •
MSTR • SPIPS
DDOV
0
0
0
0
PVOE
0
0
0
SPE • MSTR •
SPIPS
PVOV
0
0
0
–
DIEOE
ACMP0D
ADC3D + In0en
ADC2D
ADC1D
DIEOV
0
In0en
0
0
DI
–
INT0
ICP1A
AIO
ACOMP0
ADC3
ACMPM
ADC2
ACOMP2
ADC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com