Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny24-20SSU Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATtiny24-20SSU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24-20SSU Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATtiny24-20SSU Datasheet HTML 59Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 60Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 61Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 62Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 63Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 64Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 65Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 66Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 236 page
background image
63
8006H–AVR–10/09
ATtiny24/44/84
• Port A, Bit 6 – ADC6/DI/SDA/MOSI/OC1A/PCINT6
• ADC6: Analog to Digital Converter, Channel 6.
• SDA: Two-wire mode Serial Interface Data.
• DI: Data Input in USI Three-wire mode. USI Three-wire mode does not override normal port
functions, so pin must be configure as an input for DI function.
• MOSI: Master Data output, Slave Data input for SPI channel. When the SPI is enabled as a
Slave, this pin is configured as an input regardless of the setting of DDA6. When the SPI is
enabled as a Master, the data direction of this pin is controlled by DDA6. When the pin is
forced by the SPI to be an input, the pull-up can still be controlled by the PORTA6 bit.
• OC1A, Output Compare Match output: The PA6 pin can serve as an external output for the
Timer/Counter1 Compare Match A. The pin has to be configured as an output (DDA6 set
(one)) to serve this function. This is also the output pin for the PWM mode timer function.
•PCINT6: Pin Change Interrupt source 6. The PA6 pin can serve as an external interrupt
source for pin change interrupt 0.
• Port A, Bit 7 – ADC7/OC0B/ICP1/PCINT7
• ADC7: Analog to Digital Converter, Channel 7.
• OC0B, Output Compare Match output: The PA7 pin can serve as an external output for the
Timer/Counter0 Compare Match B. The pin has to be configured as an output (DDA7 set
(one)) to serve this function. This is also the output pin for the PWM mode timer function.
• ICP1, Input Capture Pin: The PA7 pin can act as an Input Capture Pin for Timer/Counter1.
•PCINT7: Pin Change Interrupt source 7. The PA7 pin can serve as an external interrupt
source for pin change interrupt 0.
Table 10-4 and Table 10-6 relate the alternate functions of Port A to the overriding signals
shown in Figure 10-5 on page 59.
Table 10-4.
Overriding Signals for Alternate Functions in PA7..PA5
Signal
Name
PA7/ADC7/OC0B/ICP1/
PCINT7
PA6/ADC6/DI/SDA/MOSI/
OC1A/ PCINT6
PA5/ADC5/MISO/DO/
OC1B/ PCINT5
PUOE
0
0
0
PUOV
0
0
0
DDOE
0
USIWM1
0
DDOV
0
(SDA + PORTA6) • DDA6
0
PVOE
OC0B enable
(USIWM1 • DDA6) +
OC1A enable
(USIWM1 • USIWM0) + OC1B
enable
PVOV
OC0B
( USIWM1• DDA6) • OC1A
USIWM1 • USIWM0 • DO +
(USIWM1 + USIWM0) • OC1B
PTOE
0
0
0
DIEOE
PCINT7 • PCIE0 + ADC7D
USISIE + (PCINT6 •
PCIE0) + ADC6D
PCINT5 • PCIE + ADC5D
DIEOV
PCINT7 • PCIE0
USISIE + PCINT7 • PCIE0
PCINT5 • PCIE
DI
PCINT7/ICP1 Input
DI/SDA/PCINT6 Input
PCINT5 Input
AIO
ADC7 Input
ADC6 Input
ADC5 Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com