Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATtiny24-20SSU Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATtiny24-20SSU
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny24-20SSU Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATtiny24-20SSU Datasheet HTML 11Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 12Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 13Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 14Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 15Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 16Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 17Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 18Page - ATMEL Corporation ATtiny24-20SSU Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 236 page
background image
15
8006H–AVR–10/09
ATtiny24/44/84
5.
Memories
This section describes the different memories in the ATtiny24/44/84. The AVR architecture has
two main memory spaces, the Data memory and the Program memory space. In addition, the
ATtiny24/44/84 features an EEPROM Memory for data storage. All three memory spaces are lin-
ear and regular.
5.1
In-System Re-programmable Flash Program Memory
The ATtiny24/44/84 contains 2/4/8K byte On-chip In-System Reprogrammable Flash memory
for program storage. Since all AVR instructions are 16 or 32 bits wide, the Flash is organized as
1024/2048/4096 x 16.
The Flash memory has an endurance of at least 10,000 write/erase cycles. The ATtiny24/44/84
Program Counter (PC) is 10/11/12 bits wide, thus addressing the 1024/2048/4096 Program
memory locations. “Memory Programming” on page 159 contains a detailed description on Flash
data serial downloading using the SPI pins.
Constant tables can be allocated within the entire Program memory address space (see instruc-
tions LPM – Load Program Memory and SPM – Store Program Memory).
Timing diagrams for instruction fetch and execution are presented in “Instruction Execution Tim-
ing” on page 12.
Figure 5-1.
Program Memory Map
5.2
SRAM Data Memory
Figure 5-2 on page 16 shows how the ATtiny24/44/84 SRAM Memory is organized.
The lower data memory locations address both the Register File, the I/O memory and the inter-
nal data SRAM. The first 32 locations address the Register File, the next 64 locations the
standard I/O memory, and the last 128/256/512 locations address the internal data SRAM.
The five different addressing modes for the Data memory cover: Direct, Indirect with Displace-
ment, Indirect, Indirect with Pre-decrement, and Indirect with Post-increment. In the Register
File, registers R26 to R31 feature the indirect addressing pointer registers.
The direct addressing reaches the entire data space.
The Indirect with Displacement mode reaches 63 address locations from the base address given
by the Y- or Z-register.
0x0000
0x03FF/0x07FF/0xFFF
Program Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com